Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 77Page - STMicroelectronics ST10F272 Datasheet HTML 78Page - STMicroelectronics ST10F272 Datasheet HTML 79Page - STMicroelectronics ST10F272 Datasheet HTML 80Page - STMicroelectronics ST10F272 Datasheet HTML 81Page - STMicroelectronics ST10F272 Datasheet HTML 82Page - STMicroelectronics ST10F272 Datasheet HTML 83Page - STMicroelectronics ST10F272 Datasheet HTML 84Page - STMicroelectronics ST10F272 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 179 page
background image
ST10F272
System reset
81/179
20.2
Asynchronous reset
An asynchronous reset is triggered when RSTIN pin is pulled low while RPD pin is at low
level. Then the ST10F272 is immediately (after the input filter delay) forced in reset default
state. It pulls low RSTOUT pin, it cancels pending internal hold states if any, it aborts all
internal/external bus cycles, it switches buses (data, address and control signals) and I/O
pin drivers to high-impedance, it pulls high Port0 pins.
Note:
If an asynchronous reset occurs during a read or write phase in internal memories, the
content of the memory itself could be corrupted: to avoid this, synchronous reset usage is
strongly recommended.
Power-on reset
The asynchronous reset must be used during the power-on of the device. Depending
on crystal or resonator frequency, the on-chip oscillator needs about 1ms to 10ms to
stabilize (Refer to Electrical Characteristics Section), with an already stable VDD. The logic
of the ST10F272 does not need a stabilized clock signal to detect an asynchronous reset,
so it is suitable for power-on conditions. To ensure a proper reset sequence, the RSTIN pin
and the RPD pin must be held at low level until the device clock signal is stabilized and the
system configuration value on Port0 is settled.
At Power-on it is important to respect some additional constraints introduced by the start-up
phase of the different embedded modules.
In particular the on-chip voltage regulator needs at least 1ms to stabilize the internal 1.8V
for the core logic: this time is computed from when the external reference (VDD) becomes
stable (inside specification range, that is at least 4.5V). This is a constraint for the
application hardware (external voltage regulator): the RSTIN pin assertion shall be extended
to guarantee the voltage regulator stabilization.
A second constraint is imposed by the embedded FLASH. When booting from internal
memory, starting from RSTIN releasing, it needs a maximum of 1ms for its initialization:
before that, the internal reset (RST signal) is not released, so the CPU does not start code
execution in internal memory.
Note:
This is not true if external memory is used (pin EA held low during reset phase). In this case,
once RSTIN pin is released, and after few CPU clock (Filter delay plus 3...8 TCL), the
internal reset signal RST is released as well, so the code execution can start immediately
after. Obviously, an eventual access to the data in internal Flash is forbidden before its
initialization phase is completed: an eventual access during starting phase will return FFFFh
(just at the beginning), while later 009Bh (an illegal opcode trap can be generated).
At Power-on, the RSTIN pin shall be tied low for a minimum time that includes also the start-
up time of the main oscillator (tSTUP = 1ms for resonator, 10ms for crystal) and PLL
synchronization time (tPSUP = 200µs): this means that if the internal FLASH is used, the
RSTIN pin could be released before the main oscillator and PLL are stable to recover some
time in the start-up phase (FLASH initialization only needs stable V18, but does not need
stable system clock since an internal dedicated oscillator is used).
Warning:
It is recommended to provide the external hardware with a
current limitation circuitry. This is necessary to avoid
permanent damages of the device during the power-on
transient, when the capacitance on V18 pin is charged. For
the on-chip voltage regulator functionality 10nF are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com