Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 29Page - STMicroelectronics ST10F272 Datasheet HTML 30Page - STMicroelectronics ST10F272 Datasheet HTML 31Page - STMicroelectronics ST10F272 Datasheet HTML 32Page - STMicroelectronics ST10F272 Datasheet HTML 33Page - STMicroelectronics ST10F272 Datasheet HTML 34Page - STMicroelectronics ST10F272 Datasheet HTML 35Page - STMicroelectronics ST10F272 Datasheet HTML 36Page - STMicroelectronics ST10F272 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 179 page
background image
ST10F272
Internal Flash memory
33/179
5.4.4
Flash control register 1 high
The Flash Control Register 1 High (FCR1H), together with Flash Control Register 1 Low
(FCR1L), is used to select the Sectors to Erase, or during any write operation to monitor the
status of each Sector and Bank.
During any erase operation, this bit is automatically set and gives the status of the Bank 0.
The meaning of B0Fy bit for Sector y of Bank 0 is given by the next Table 4 Banks (BxS) and
Sectors (BxFy) Status bits meaning. These bits are automatically reset at the end of an
erase operation if no errors are detected.
5.4.5
Flash data register 0 low
The Flash Address Registers (FARH/L) and the Flash Data Registers (FDR1H/L-FDR0H/L)
are used during the program operations to store Flash Address in which to program and
Data to program.
FCR1H (0x08 0006)
FCR
Reset value:
0000h
15
14
13
12
11
10
987
65432
10
reserved
B0S
reserved
RS
Table 10.
Flash control register 1 high
Bit
Function
B0S
Bank 0 Status (IFLASH)
During any erase operation, this bit is automatically modified and gives the status
of the Bank 0. The meaning of B0S bit is given in the next Table 4 Banks (BxS) and
Sectors (BxFy) Status bits meaning. This bit is automatically reset at the end of a
erase operation if no errors are detected.
Table 11.
Banks (BxS) and sectors (BxFy) status bits meaning
ERR
SUSP
B0S = 1 meaning
B0Fy = 1 meaning
1
-
Erase Error in Bank 0
Erase Error in Sector y of Bank 0
0
1
Erase Suspended in Bank 0
Erase Suspended in Sector y of Bank 0
0
0
Don’t care
Don’t care
FDR0L (0x08 0008)
FCR
Reset value:
FFFFh
15
14
13
12
11
10
987
65432
10
DIN15 DIN14 DIN13 DIN12 DIN11 DIN10 DIN9 DIN8 DIN7 DIN6 DIN5 DIN4 DIN3 DIN2 DIN1 DIN0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 12.
Flash data register 0 low
Bit
Function
DIN(15:0)
Data Input 15:0
These bits must be written with the Data to program the Flash with the following
operations: Word Program (32-bit), Double Word Program (64-bit) and Set
Protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com