Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8267 Datasheet(PDF) 110 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 110 Page - ams AG

Back Button AS8267 Datasheet HTML 106Page - ams AG AS8267 Datasheet HTML 107Page - ams AG AS8267 Datasheet HTML 108Page - ams AG AS8267 Datasheet HTML 109Page - ams AG AS8267 Datasheet HTML 110Page - ams AG AS8267 Datasheet HTML 111Page - ams AG AS8267 Datasheet HTML 112Page - ams AG AS8267 Datasheet HTML 113Page - ams AG AS8267 Datasheet HTML 114Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 110 of 136
8.9
System Control (SCT)
The system control is responsible for handling different modes of operation such as normal mode (metering
functions) and test mode.
The clock generation and reset control are also available in System Control (SCT).
Modes of Operation
Power off
In this mode everything is off including the ‘System Timing and RTC’ block, provided that no battery is
connected to VDD_BAT or the battery is discharged. Nothing happens.
RTC on, Rest of the Chip off
In this mode the ‘System Timing and RTC’ block is supplied by a battery, the RTC is working, but no interrupts
are generated.
At the moment the battery is inserted, a power-on reset just for the RTC will be generated. The reset will be set
to 0 after the first clock edges arrive.
Power-up Phase
When the power is switched on (for the ‘rest’ of the chip), there is a power-on reset first and the reset is held
until the BOOTLOAD block has finished operation. The BOOTLOAD block will load information from the upmost
page (program available, security) from the internal Flash memory.
After BOOTLOAD the MCU will start executing the program in the Flash memory. It is assumed that at the
beginning of the program various system parameters are set (sel_i, sel_v, sel_p, creep etc.)
FLASH not programmed, must be loaded from outside
If the Flash does not contain a program the MCU will run in idle mode. It is necessary to write a program to the
Flash next.
Reset Chip: Externally triggered BOOTLOAD
When a (new) program has been written to the Flash it will be necessary to trigger a new BOOTLOAD
sequence. This can be done by generating a chip reset. After the related command has been detected by the
SCT on the UART1 interface the reset/boot sequence will start. Next the MCU will run the program from the
beginning.
This command can also be used for a simple reset.
Normal Operation
The MCU is working through its program, access to certain blocks/functions may be done via the UART
interfaces. For example, it may be required to read data from an external EEPROM or from the RTC block.
During these operations the MCU is not reset!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com