Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8267 Datasheet(PDF) 108 Page - ams AG

Part # AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Datasheet(HTML) 108 Page - ams AG

Back Button AS8267 Datasheet HTML 104Page - ams AG AS8267 Datasheet HTML 105Page - ams AG AS8267 Datasheet HTML 106Page - ams AG AS8267 Datasheet HTML 107Page - ams AG AS8267 Datasheet HTML 108Page - ams AG AS8267 Datasheet HTML 109Page - ams AG AS8267 Datasheet HTML 110Page - ams AG AS8267 Datasheet HTML 111Page - ams AG AS8267 Datasheet HTML 112Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 108 of 136
There are five special function registers (SFR) related to the Timer 0:
Register Name
Address
Description
TMOD
89h
Timer mode register
TCON
88h
Timer control register
T0PRE
8Eh
Timer 0 8 bit prescaler register
TH0
8Ch
Timer 0 higher byte
TL0
8Ah
Timer 0 lower byte
TMOD
MSB
LSB
0
0
0
0
GATE
C/T_N
M1
M0
Bit
Symbol Function
7
-
Not used
6
-
Not used
5
-
Not used
4
-
Not used
3
GATE
Has no effect on Timer 0 operation can be used as register bit
2
C/T_N Acts like an enable signal
Mode Description
Bit1
Bit0
0
13 bit timer (MCS-48 compatible)
0
0
1
M1
1
Same as mode 0 but 16 bit timer
0
1
2
Configures Timer 0 as 8 bit autoreload timer. Overflow from
TL0 sets TF0 and reloads TL0 with the value of TH0.
1
0
0
M0
Mode select
3
Two 8 bit timers, TL0 controlled by Timer 0 standard bits,
TH0 controlled by Timer 1 control bits but no interrupt
1
1
TCON
MSB
LSB
TF1
TR1
TF0
TR0
-
-
-
-
Bit
Symbol Function
7
TF1
Timer 0 (Mode 3) TH0 overrun flag, generates no interrupt, flag can be polled by software.
6
TR1
Timer 0 (Mode 3) TH0 enable flag, TH0 runs if ‘1’ in all other modes the flag has no effect.
5
TF0
Timer 0 overrun flag, generates an interrupt. Flag is cleared by hardware when the processor jumps to
the interrupt routine
4
TR0
Timer 0 run control bit. Timer runs if ‘1’. Cleared/set by software.
3
-
Not used
2
-
Not used
1
-
Not used
0
-
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com