Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL843 Datasheet(PDF) 7 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 7 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 3Page - GENESYS LOGIC GL843 Datasheet HTML 4Page - GENESYS LOGIC GL843 Datasheet HTML 5Page - GENESYS LOGIC GL843 Datasheet HTML 6Page - GENESYS LOGIC GL843 Datasheet HTML 7Page - GENESYS LOGIC GL843 Datasheet HTML 8Page - GENESYS LOGIC GL843 Datasheet HTML 9Page - GENESYS LOGIC GL843 Datasheet HTML 10Page - GENESYS LOGIC GL843 Datasheet HTML 11Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 7
CHAPTER 2
FEATURES
l
Highly integrated scanner controller chip (2-in-1; Scanner Controller and USB 2.0 Interface)
l
USB 2.0 High Speed (480Mbit) compliant
l
Designed for sheetfed, flatbed and transparency scanners
l
Supports key-matrix with latch function
l
Embedded RISC CPU for scanning, run-in and diagnostic tests
l
Supports external 24Kbytes flash ROM or internal 24Kbyte mask ROM
l
Firmware download to external flash ROM
l
12MHz low frequency clock input for better EMI
l
Flexible 3.3V/5V operating voltage for I/O pads
l
Adjustable working clock of scanner controller for different usage (12M, 24M, 30M, 40M, 48M, 60MHz)
l
Supports linear or stagger CCD, such as NEC, Toshiba or Sony CCD
l
Available sensor types: 600, 1200, 2400, 3200, 3600 and 4800dpi color CIS or CCD
l
Multi-TG control for CCD (separately controls the R/G/B exposure time)
l
Shutter-control for CCD (separately controls the R/G/B exposure time)
l
Supports two scanning types: pixel-by-pixel (pixel rate), line-by-line (line rate)
l
Support 48-bits color, 16-bits gray and 1-bit line-art
l
“True gray” with R, G and B weightings
l
16 bits white/dark shading and 16-to-8 bits Gamma correction
l
0.3us per pixel for color scanning under 40MHz working clock
l
0.2us per pixel for color scanning under 60MHz working clock
l
Supports LCM/LCD interface to display messages
l
Supports RS232 interface for special applications
l
Supports EEPROM (93C46) interface for special applications
l
Supports ADF (Auto-Document-Feeder) function with document, ADF and cover sensors
l
Lossless data compression
l
Lines packing for stagger CCD or R/G/B line differences
l
Fine CDS sampling adjustment to avoid the digital noise influence (8.33ns adjustment)
l
Digital average and hardware deletion for various resolutions
l
Hardware deletion for various resolutions (from 4800~1dpi with 1dpi decrement)
l
Supports 1M*16, 4M*16, 8M*16, 16M*16 and 32M*16 SDRAM
l
Supports 5 acceleration/deceleration motor tables for high speed motor moving and wall hitting protection
l
Supports controllable bipolar motor in full, half, quarter and eighth steps moving
l
Supports controllable unipolar motor in full and half steps moving
l
Supports V-reference automatic control for motor driver Ics
l
Build-in PWM control phase for unipolar motors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com