Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL843 Datasheet(PDF) 22 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 22 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 18Page - GENESYS LOGIC GL843 Datasheet HTML 19Page - GENESYS LOGIC GL843 Datasheet HTML 20Page - GENESYS LOGIC GL843 Datasheet HTML 21Page - GENESYS LOGIC GL843 Datasheet HTML 22Page - GENESYS LOGIC GL843 Datasheet HTML 23Page - GENESYS LOGIC GL843 Datasheet HTML 24Page - GENESYS LOGIC GL843 Datasheet HTML 25Page - GENESYS LOGIC GL843 Datasheet HTML 26Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 22
curve.
1
The deceleration curve of the fast moving is defined in table 5 to protect
wall-hitting.
Offset 03h ……………………………………………..…………..……………. Default value = 8’h94
LAMPDOG AVEENB
XPASEL
LAMPPWR LAMPTIM3 LAMPTIM2 LAMPTIM1 LAMPTIM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 LAMPDOG
0
To disable sleep mode of lamp.
1
To start sleep mode of lamp (default on).
6 AVEENB
0
Select dpi deletion function
1
Select dpi average function.
5 XPASEL
0
Select flatbed lamp on.
1
Select transparency lamp on.
4 LAMPPWR
0
Turn off LAMP power.
1
Turn on LAMP power.
3-0 LAMPTIM[3:0] Counter of the sleep mode of lamp (default: 4).
The unit is minute.
Offset 04h ……………………………………………..…………..………..…… Default value = 8’h00
LINEART
BITSET
AFEMOD1 AFEMOD0
FILTER1
FILTER0
FESET1
FESET0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 LINEART
0
Color/Gray scanning.
1
Black/White scanning.
6 BITSET
0
8 bits image data type (= byte).
1
16 bits image data type (= word).
5-4 AFEMOD[1:0] AFE operation mode.
Wolfson Type
AFEMOD SCANMOD
Description
CDS
Available
Max Sample Rate
Timing
Requirements
2
0,1,7
Slow color
Pixel-by-pixel
Yes
5MSPS *3 channel
MCLK:VSMP
Rate is 8:1
1
0,1,6,7
Color pixel-by-pixel
Yes
6.67MSPS *3 channel
MCLK:VSMP
Rate is 6:1
0
0,1,4,5,6
Fast Mono
Yes
13.3MSPS *1 channel
MCLK:VSMP
Rate is 3:1
Analog Device Type
AFEMOD SCANMOD
Description
CDS
Available
Max Sample Rate
Timing
Requirements
2
0,1,6,7
Slow color
Pixel-by-pixel
Yes
MCLK:VSMP
Rate is 3:1
1
0,1,6,7
Mono
Yes
MCLK:VSMP
Rate is 2:1
0
0,1,6,7
Fast Mono
Yes
MCLK:VSMP
Rate is 1:1
3-2 FILTER[1:0]
Scan color type:
00
Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com