Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL843 Datasheet(PDF) 83 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 83 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 76Page - GENESYS LOGIC GL843 Datasheet HTML 77Page - GENESYS LOGIC GL843 Datasheet HTML 78Page - GENESYS LOGIC GL843 Datasheet HTML 79Page - GENESYS LOGIC GL843 Datasheet HTML 80Page - GENESYS LOGIC GL843 Datasheet HTML 81Page - GENESYS LOGIC GL843 Datasheet HTML 82Page - GENESYS LOGIC GL843 Datasheet HTML 83Page - GENESYS LOGIC GL843 Datasheet HTML 84Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 83
CHAPTER 8
PACKAGE DIMENSION
QFP-128L (14*20 mm, F/P: 3.2 mm):
SYMBOLS
MIN(mm)
NOM(mm)
MAX(mm)
A1
0.25
0.35
0.45
A2
2.57
2.72
2.87
b
0.10
0.20
0.30
C
0.10
0.15
0.20
D
13.90
14.00
14.10
E
19.90
20.00
20.10
e
-
0.50
-
Hd
17.00
17.20
17.40
He
23.00
23.20
23.40
L
0.65
0.80
0.95
L1
-
1.60
-
Y
-
-
0.08
Θ
0
-
12
e
b
0.08(0.003)
M
E
He
A2
A1
Y
H
Figure 8.1 - GL843 128 Pin QFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com