Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0T6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STR712FR0T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0T6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STR712FR0T6 Datasheet HTML 48Page - STMicroelectronics STR712FR0T6 Datasheet HTML 49Page - STMicroelectronics STR712FR0T6 Datasheet HTML 50Page - STMicroelectronics STR712FR0T6 Datasheet HTML 51Page - STMicroelectronics STR712FR0T6 Datasheet HTML 52Page - STMicroelectronics STR712FR0T6 Datasheet HTML 53Page - STMicroelectronics STR712FR0T6 Datasheet HTML 54Page - STMicroelectronics STR712FR0T6 Datasheet HTML 55Page - STMicroelectronics STR712FR0T6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
Electrical parameters
STR71xF
52/77
Output driving current
Subject to general operating conditions for V33 and TA unless otherwise specified.
Notes:
1.
The IIO current sunk must always respect the absolute maximum rating specified in Table 10 and the sum
of IIO (I/O ports and control pins) must not exceed IVSS.
2.
The IIO current sourced must always respect the absolute maximum rating specified in Table 10 and the
sum of IIO (I/O ports and control pins) must not exceed IV33.
Table 28.
Output driving current
I/O
Type
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
(see Figure 21)
IIO=+4mA
0.4
V
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 21 and Figure 23)
IIO=-4mA
V33-0.8
VOL
1)
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
(see Figure 21)
IIO=+8mA
0.4
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 21 and Figure 23)
IIO=-8mA
V33-0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com