Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0T6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STR712FR0T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0T6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STR712FR0T6 Datasheet HTML 10Page - STMicroelectronics STR712FR0T6 Datasheet HTML 11Page - STMicroelectronics STR712FR0T6 Datasheet HTML 12Page - STMicroelectronics STR712FR0T6 Datasheet HTML 13Page - STMicroelectronics STR712FR0T6 Datasheet HTML 14Page - STMicroelectronics STR712FR0T6 Datasheet HTML 15Page - STMicroelectronics STR712FR0T6 Datasheet HTML 16Page - STMicroelectronics STR712FR0T6 Datasheet HTML 17Page - STMicroelectronics STR712FR0T6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
System architecture
STR71xF
14/77
13
E3
P2.4/A.20
I/O
pd
3)
CT
8mA
X
X
Port 2.4
External Memory Interface: address
bus
14
E4
P2.5/A.21
I/O
pd
3)
CT
8mA
X
X
Port 2.5
15
F1
P2.6/A.22
I/O
pd
3)
CT
8mA
X
X
Port 2.6
16
G1
BOOTEN
I
CT
Boot control input. Enables sampling of
BOOT[1:0] pins
17
E5
P2.7/A.23
I/O
pd
3)
CT
8mA
X
X
Port 2.7
External Memory Interface: address
bus
18
F2
P2.8
I/O pu
CT X 4mA X
X
Port 2.8
External interrupt INT2
19
F3
N.C.
Not connected (not bonded)
20
F4
N.C.
Not connected (not bonded)
21
F5
VSS
S
Ground voltage for digital I/Os4)
22
F6
V33
S
Supply voltage for digital I/Os4)
23
G2
P2.9
I/O pu
CT X 4mA X
X
Port 2.9
External interrupt INT3
24
G3
P2.10
I/O pu
CT X 4mA X
X
Port 2.10
External interrupt INT4
25
G4
P2.11
I/O pu
CT X 4mA X
X
Port 2.11
External interrupt INT5
26
H1
P2.12
I/O pu
CT
4mA
X
X
Port 2.12
27
J1
P2.13
I/O pu
CT
4mA
X
X
Port 2.13
28
G5
P2.14
I/O pu
CT
4mA
X
X
Port 2.14
29
K1
P2.15
I/O pu
CT
4mA
X
X
Port 2.15
30
L1
JTDI
I
TT
JTAG Data input. External pull-up required.
31
H2
JTMS
I
TT
JTAG Mode Selection Input. External pull-up
required.
32
H3
JTCK
I
C
JTAG Clock Input. External pull-up or pull-down
required.
33
H4
JTDO
O
8mA
X
JTAG Data output. Note: Reset state = HiZ.
34
J2
JTRST
I
TT
JTAG Reset Input. External pull-up required.
35
J3
NU
Reserved, must be forced to ground.
36
K2
TEST
Reserved, must be forced to ground.
37
M1
N.C.
Not connected (not bonded)
38
L2
TEST
Reserved, must be forced to ground.
39
L3
N.C.
Not connected (not bonded)
Table 3.
STR710 pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com