Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0T6 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STR712FR0T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0T6 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STR712FR0T6 Datasheet HTML 51Page - STMicroelectronics STR712FR0T6 Datasheet HTML 52Page - STMicroelectronics STR712FR0T6 Datasheet HTML 53Page - STMicroelectronics STR712FR0T6 Datasheet HTML 54Page - STMicroelectronics STR712FR0T6 Datasheet HTML 55Page - STMicroelectronics STR712FR0T6 Datasheet HTML 56Page - STMicroelectronics STR712FR0T6 Datasheet HTML 57Page - STMicroelectronics STR712FR0T6 Datasheet HTML 58Page - STMicroelectronics STR712FR0T6 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
STR71xF
Electrical parameters
55/77
RSTIN pin
The RSTIN pin input driver is CMOS. A permanent pull-up is present which is the same as
as RPU (seeTable 27 on page 50)
Subject to general operating conditions for V33 and TA unless otherwise specified.
Notes:
1.
Data based on characterization results, not tested in production.
2) Data guaranteed by design, not tested in production.
Figure 24.
Recommended RSTIN pin protection.1)
Notes:
1.
The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current
characteristics described in Figure 18).
2.
The reset network protects the device against parasitic resets.
3.
The user must ensure that the level on the RSTIN pin can go below the VIL(RSTINn) max. level specified in
Table 29. Otherwise the reset will not be taken into account internally.
5.3.6
TIM timer characteristics
Subject to general operating conditions for V33, fMCLK, and TA unless otherwise
specified.
Refer to Section 5.3.5: I/O port pin characteristics on page 50 for more details on
the input/output alternate function characteristics (output compare, input capture,
external clock, PWM output...).
Table 29.
RESET pin characteristics
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL(RSTINn) RSTIN Input low level voltage 1)
0.8
V
VIH(RSTINn) RSTIN Input high level voltage 1)
2
VF(RSTINn) RSTIN Input filtered pulse2)
500
ns
VNF(RSTINn) RSTIN Input not filtered pulse2)
1.2
µs
0.01
µF
V33
0.01
µF
EXTERNAL
RESET
CIRCUIT
4.7k
Ω
Required
Recommended
STR7X
Filter
RPU
V33
INTERNAL RESET
V33
RSTIN
Table 30.
TIM characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tw(ICAP)in
Input capture pulse time
2
tCK_TIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com