Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0T6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STR712FR0T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0T6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STR712FR0T6 Datasheet HTML 11Page - STMicroelectronics STR712FR0T6 Datasheet HTML 12Page - STMicroelectronics STR712FR0T6 Datasheet HTML 13Page - STMicroelectronics STR712FR0T6 Datasheet HTML 14Page - STMicroelectronics STR712FR0T6 Datasheet HTML 15Page - STMicroelectronics STR712FR0T6 Datasheet HTML 16Page - STMicroelectronics STR712FR0T6 Datasheet HTML 17Page - STMicroelectronics STR712FR0T6 Datasheet HTML 18Page - STMicroelectronics STR712FR0T6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
STR71xF
System architecture
15/77
40
K3
V33IO-PLL
S
Supply voltage for digital I/O circuitry and for PLL
reference
41
M4
N.C.
Not connected (not bonded)
42
L4
VSSIO-PLL
S
Ground voltage for digital I/O circuitry and for PLL
reference4)
43
M2
N.C.
Not connected (not bonded)
44
M3
DBGRQS
I
CT
Debug Mode request input (active high)
45
K4
CKOUT
O
8mA
X
Clock output (fPCLK2) Note: Enabled by CKDIS
register in APB Bridge 2
46
J4
CK
I
C
Reference clock input
47
M5
P0.15/
WAKEUP
ITT XX
Port 0.15
Wakeup from Standby mode input.
Note: This port is input only.
48
L5
N.C.
Not connected (not bonded)
49
K5
RTCXTI
Realtime Clock input and input of 32 kHz
oscillator amplifier circuit
50
J5
RTCXTO
Output of 32 kHz oscillator amplifier circuit
51
M6
STDBY
I/O
CT
4mA
X
X
Input: Hardware Standby mode entry input active
low. Caution: External pull-up to V33 required to
select normal mode.
Output: Standby mode active low output following
Software Standby mode entry.
Note: In Standby mode all pins are in high
impedance except those marked Active in Stdby
52
M7
RSTIN
ICT
X Reset input
53
H5
N.C.
Not connected (not bonded)
54
L6
VSSBKP
S
X Stabilization for low power voltage regulator.
55
K6
V18BKP
SX
Stabilization for low power voltage regulator.
Requires external capacitors of at least 1µF
between V18BKP and VSS18BKP. See Figure 5.
Note: If the low power voltage regulator is
bypassed, this pin can be connected to an
external 1.8V supply.
56
J6
N.C.
Not connected (not bonded)
57
H6
N.C.
Not connected (not bonded)
58
G6
V18
S
Stabilization for main voltage regulator. Requires
external capacitors of at least 10µF + 33nF
between V18 and VSS18. See Figure 5.
Table 3.
STR710 pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com