Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0T6 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STR712FR0T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0T6 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STR712FR0T6 Datasheet HTML 13Page - STMicroelectronics STR712FR0T6 Datasheet HTML 14Page - STMicroelectronics STR712FR0T6 Datasheet HTML 15Page - STMicroelectronics STR712FR0T6 Datasheet HTML 16Page - STMicroelectronics STR712FR0T6 Datasheet HTML 17Page - STMicroelectronics STR712FR0T6 Datasheet HTML 18Page - STMicroelectronics STR712FR0T6 Datasheet HTML 19Page - STMicroelectronics STR712FR0T6 Datasheet HTML 20Page - STMicroelectronics STR712FR0T6 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
STR71xF
System architecture
17/77
83
H12 V33IO-PLL
S
Supply voltage for digital I/O circuitry and for PLL
reference4)
84
H11 VSSIO-PLL
S
Ground voltage for digital I/O circuitry and for PLL
reference4)
85
H10
P1.7/T1.OCM
PA
I/O pu
CT
4mA
X
X
Port 1.7
Timer 1:
Output
Compare A
86
H9
P1.8
I/O pd
CT
4mA
X
X
Port 1.8
87
G12 N.C.
Not connected (not bonded)
88
F12 P1.11/CANRX I/O pu
CT X 4mA X
X
Port 1.11
CAN: receive data input
Note: On STR710 and STR712 only
89
H8
P1.12/CANTX
I/O pu
CT
4mA
X
X
Port 1.12
CAN: Transmit data output
Note: On STR710 and STR712 only
90
G11 USBDP
I/O
CT
USB bidirectional data (data +). Reset state = HiZ
Note: On STR710 and STR711 only
This pin requires an external pull-up to V33 to
maintain a high level.
91
G10 USBDN
I/O
CT
USB bidirectional data (data -). Reset state = HiZ
Note: On STR710 and STR711 only.
92
G9
D.10
I/O
6)
8mA
External Memory Interface: data bus
93
G8
D.11
I/O
6)
8mA
94
G7
D.12
I/O
6)
8mA
95
F11 D.13
I/O
6)
8mA
96
F10 D.14
I/O
6)
8mA
97
F9
D.15
I/O
6)
8mA
98
F8
A.0
O
7)
8mA
X
External Memory Interface: address bus
99
E12 A.1
O
7)
8mA
X
100 E11 A.2
O
7)
8mA
X
101 C12 A.3
O
7)
8mA
X
102 B12 A.4
O
7)
8mA
X
103 E10 VSS
S
Ground voltage for digital I/O circuitry4)
104
E9
V33
S
Supply voltage for digital I/O circuitry4)
105 D12 P1.9
I/O pd
CT
4mA
X
X
Port 1.9
106 D11
P1.10/
USBCLK
I/O pd
C/
T
4mA
X
X
Port 1.10
USB: 48 MHZ
clock input
Table 3.
STR710 pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com