Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0T6 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STR712FR0T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0T6 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STR712FR0T6 Datasheet HTML 41Page - STMicroelectronics STR712FR0T6 Datasheet HTML 42Page - STMicroelectronics STR712FR0T6 Datasheet HTML 43Page - STMicroelectronics STR712FR0T6 Datasheet HTML 44Page - STMicroelectronics STR712FR0T6 Datasheet HTML 45Page - STMicroelectronics STR712FR0T6 Datasheet HTML 46Page - STMicroelectronics STR712FR0T6 Datasheet HTML 47Page - STMicroelectronics STR712FR0T6 Datasheet HTML 48Page - STMicroelectronics STR712FR0T6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
STR71xF
Electrical parameters
45/77
Table 21.
PLL2 characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
fPLLCLK2
PLL multiplier output
clock
fPLL x 28
140
MHz
fPLL2
PLL input clock
FREF_RANGE = 0
1.5
3.0
MHz
FREF_RANGE = 1
3.0
5
MHz
tLOCK2
PLL lock time
FREF_RANGE = 0
Stable Input Clock
Stable V33IOPLL, V18
300
µs
FREF_RANGE = 1
Stable Input Clock
Stable V33IOPLL, V18
600
µs
∆tJITTER2 PLL jitter (peak to peak)
tPLL = 4 MHz, MX[1:0]=’11’
Global Output division = 32
(Output Clock = 2 MHz)
0.7
2
ns
Table 22.
Low-power mode wake-up timing
Symbol
Parameter
Typ
Unit
tWULPWFI Wake-up from LPWFI mode
26(1)
1.
Clock selected is CK2_16, Main VReg OFF and Flash in power-down
µs
tWUSTOP
Wake-up from STOP mode
2048
CLK
Cycles
tWUSTBY
Wake-up from STANDBY mode
2048 CLK Cycles
+ 8 CLK2 Cycles(2)
2.
Refer to Figure 7. Reset General Timing in the STR71xF Reference Manual (UM0084)
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com