Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR0T6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STR712FR0T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR0T6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STR712FR0T6 Datasheet HTML 40Page - STMicroelectronics STR712FR0T6 Datasheet HTML 41Page - STMicroelectronics STR712FR0T6 Datasheet HTML 42Page - STMicroelectronics STR712FR0T6 Datasheet HTML 43Page - STMicroelectronics STR712FR0T6 Datasheet HTML 44Page - STMicroelectronics STR712FR0T6 Datasheet HTML 45Page - STMicroelectronics STR712FR0T6 Datasheet HTML 46Page - STMicroelectronics STR712FR0T6 Datasheet HTML 47Page - STMicroelectronics STR712FR0T6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
Electrical parameters
STR71xF
44/77
Figure 16.
RTC crystal oscillator and resonator
PLL electrical characteristics
V33 = 3.0 to 3.6V, V33IOPLL = 3.0 to 3.6V, TA = -40 / 85 °C unless otherwise specified.
CL
CL
RS
DEVICE
DEVICE
Table 20.
PLL1 characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
fPLLCLK1 PLL multiplier output clock
fPLL1x 24
165
MHz
fPLL1
PLL input clock
FREF_RANGE = 0
1.5
3.0
MHz
FREF_RANGE = 1
MX[1:0]=’00’ or ‘01’
3.0
8.25
MHz
FREF_RANGE = 1
MX[1:0]=’10’ or ‘11’
3.0
6
MHz
PLL input clock duty cycle
25
75
%
fFREE1
PLL free running frequency
FREF_RANGE = 0
MX[1:0]=’01’ or ‘11’
125
kHz
FREF_RANGE = 0
MX[1:0]=’00’ or ‘10’
250
kHz
FREF_RANGE = 1
MX[1:0]=’01’ or ‘11’
250
kHz
FREF_RANGE = 1
MX[1:0]=’00’ or ‘10’
500
kHz
tLOCK1
PLL lock time
FREF_RANGE = 0
Stable Input Clock
Stable V33IOPLL, V18
300
µs
FREF_RANGE = 1
Stable Input Clock
Stable V33IOPLL, V18
600
µs
∆tJITTER1 PLL jitter (peak to peak)
tPLL = 4 MHz, MX[1:0]=’11’
Global Output division = 32
(Output Clock = 2 MHz)
0.7
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com