Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 251 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 251 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 247Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 248Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 249Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 250Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 251Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 252Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 253Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 254Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 255Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 1386 page
background image
External Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
6-9
PSDAMUX
PGPL5
60x bus SDRAM address multiplexer—This output pin controls the 60x SDRAM address
multiplexer when the MPC8280 is in external master mode.
60x bus UPM general purpose line 5—One of six general purpose output lines from UPM. The
values and timing of this pin is programmed in the UPM.
LWE[0–3]
LSDDQM[0–3]
LBS[0–3]
PCI_CFG[0-3]
Local bus write enable—The write enable pins are outputs of the Local bus GPCM. These pins
select specific byte lanes for write operations.
Local bus SDRAM DQM—The DQM pins are outputs of the SDRAM control machine. These pins
select specific byte lanes of SDRAM devices.
Local bus UPM byte select—The byte select pins are outputs of the UPM in the memory
controller. They are used to select specific byte lanes during memory operations. The timing of
these pins is programmed in the UPM. The actual driven value depends on the address and size
of the transaction and the port size of the accessed device.
PCI Configuration—In PCI mode, PCI_CFG[0-3] configure the PCI bridge to Host or agent and
control the PCI arbiter operation:
• PCI_CFG[0] is PCI_HOST, when High enables the PCI bridge for Agent operation, when Low
enables the PCI as Host.
• PCI_CFG[1] is PCI_ARB_EN, when Low enables the PCI internal arbiter logic, when High
disables the internal arbiter logic (and an external arbiter should be used).
• PCI_CFG[2] is the DLL_Enable. In PCI mode, this pin should be pulled high externally in order
to use the DLL.
• PCI_CFG[3] is reserved and should be pulled high externally.
LSDA10
LGPL0
PCI_MODCK_H0
Local bus SDRAM A10—Output from the 60x bus SDRAM controller. Is part of the address when
a row address is driven and is part of the command when a column address is driven.
Local bus UPM general purpose line 0—This is one of six general purpose output lines from
UPM. The values and timing of this pin is programmed in the UPM.
PCI MODCK_H0—In PCI mode, defines the operating mode of internal clock circuits.
LSDWE
LGPL1
PCI_MODCK_H1
Local bus SDRAM write enable—Output from the local bus SDRAM controller. Should be
connected to the WE inputs of the SDRAMs.
Local bus UPM general purpose line 1—This is one of six general purpose output lines from
UPM. The values and timing of this pin is programmed in the UPM.
PCI MODCK_H1—In PCI mode, defines the operating mode of internal clock circuits.
LOE
LSDRAS
LGPL2
PCI_MODCK_H2
Local bus output enable—The output enable pin is an output of the Local bus GPCM. Controls
the output buffer of memory devices during read operations.
Local bus SDRAM RAS—Output from the Local bus SDRAM controller. Should be connected to
the SDRAM RAS input.
Local bus UPM general purpose line 2—This is one of six general purpose output lines from
UPM. The values and timing of this pin is programmed in the UPM.
PCI MODCK_H2—In PCI mode, defines the operating mode of internal clock circuits.
Table 6-1. External Signals (continued)
Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com