Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
lxxxv
Architecture Documentation
Architecture documentation is organized in the following types of documents:
Manuals—These books provide details about individual implementations of the PowerPC
architecture and are intended to be used with the Programming Environments Manual. These
include the G2 Core Reference Manual (Freescale order #: G2CORERM).
Programming environments manuals—These books provide information about resources defined by
the PowerPC architecture that are common to processors that implement the PowerPC architecture. The
two versions include one that describes the functionality of the combined 32- and 64-bit architecture
models and one that describes only the 32-bit model. The MPC8280 adheres to the 32-bit architecture
definition.
— Programming Environments Manual for 32-Bit Implementations of the PowerPC Architecture
(Freescale order #: MPCFPE32B)
The Programmer’s Pocket Reference Guide for the PowerPC Architecture:
MPCPRGREF/D—This guide provides an overview of registers, instructions, and exceptions for
32-bit implementations.
Application notes—These short documents contain useful information about specific design issues
useful to programmers and engineers working with Freescale’s processors.
For a current list of documentation, refer to www.freescale.com.
Conventions
This document uses the following notational conventions:
Bold entries in figures and tables showing registers and parameter RAM should
be initialized by the user.
mnemonics
Instruction mnemonics are shown in lowercase bold.
italics
Italics indicate variable command parameters, for example, bcctrx.
Book titles in text are set in italics.
0x0
Prefix to denote hexadecimal number
0b0
Prefix to denote binary number
rA, rB
Instruction syntax used to identify a source GPR
rD
Instruction syntax used to identify a destination GPR
REG[FIELD]
Abbreviations or acronyms for registers or buffer descriptors are shown in
uppercase text. Specific bits, fields, or numerical ranges appear in brackets. For
example, MSR[LE] refers to the little-endian mode enable bit in the machine state
register.
x
In certain contexts, such as in a signal encoding or a bit field, indicates a don’t
care.
n
Used to express an undefined numerical value
¬
NOT logical operator
Table 1:
Bld



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com