Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
xlvi
Freescale Semiconductor
Contents
Paragraph
Number
Title
Page
Number
39.5.1
Receive/Transmit Function Code Registers (RFCR/TFCR).................................... 39-12
39.6
SPI Commands ............................................................................................................ 39-12
39.7
The SPI Buffer Descriptor (BD) Table ........................................................................ 39-13
39.7.1
SPI Buffer Descriptors (BDs) .................................................................................. 39-13
39.7.1.1
SPI Receive BD (RxBD) ..................................................................................... 39-14
39.7.1.2
SPI Transmit BD (TxBD) .................................................................................... 39-15
39.8
SPI Master Programming Example ............................................................................. 39-16
39.9
SPI Slave Programming Example................................................................................ 39-17
39.10
Handling Interrupts in the SPI ..................................................................................... 39-17
Chapter 40
I2C Controller
40.1
Features .......................................................................................................................... 40-2
40.2
I2C Controller Clocking and Signal Functions .............................................................. 40-2
40.3
I2C Controller Transfers ................................................................................................ 40-2
40.3.1
I2C Master Write (Slave Read).................................................................................. 40-3
40.3.2
I2C Loopback Testing................................................................................................ 40-4
40.3.3
I2C Master Read (Slave Write).................................................................................. 40-4
40.3.4
I2C Multi-Master Considerations .............................................................................. 40-5
40.4
I2C Registers .................................................................................................................. 40-5
40.4.1
I2C Mode Register (I2MOD) .................................................................................... 40-6
40.4.2
I2C Address Register (I2ADD) ................................................................................. 40-7
40.4.3
I2C Baud Rate Generator Register (I2BRG) ............................................................. 40-7
40.4.4
I2C Event/Mask Registers (I2CER/I2CMR) ............................................................. 40-7
40.4.5
I2C Command Register (I2COM) ............................................................................. 40-8
40.5
I2C Parameter RAM....................................................................................................... 40-9
40.6
I2C Commands............................................................................................................. 40-11
40.7
The I2C Buffer Descriptor (BD) Table ........................................................................ 40-11
40.7.1
I2C Buffer Descriptors (BDs).................................................................................. 40-12
40.7.1.1
I2C Receive Buffer Descriptor (RxBD) .............................................................. 40-12
40.7.1.2
I2C Transmit Buffer Descriptor (TxBD) ............................................................. 40-13
Chapter 41
Parallel I/O Ports
41.1
Features .......................................................................................................................... 41-1
41.2
Port Registers ................................................................................................................. 41-1
41.2.1
Port Open-Drain Registers (PODRA–PODRD) ........................................................ 41-2
41.2.2
Port Data Registers (PDATA–PDATD) ..................................................................... 41-2
41.2.3
Port Data Direction Registers (PDIRA–PDIRD)....................................................... 41-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com