Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
lv
Figures
Figure
Number
Title
Page
Number
11-61
RAM Array and Signal Generation .................................................................................... 11-71
11-62
The RAM Word................................................................................................................... 11-71
11-63
CS Signal Selection............................................................................................................. 11-76
11-64
BS Signal Selection............................................................................................................. 11-76
11-65
UPM Read Access Data Sampling...................................................................................... 11-79
11-66
Wait Mechanism Timing for Internal and External Synchronous Masters ......................... 11-80
11-67
DRAM Interface Connection to the 60x Bus (64-Bit Port Size) ........................................ 11-82
11-68
Single-Beat Read Access to FPM DRAM .......................................................................... 11-84
11-69
Single-Beat Write Access to FPM DRAM ......................................................................... 11-85
11-70
Burst Read Access to FPM DRAM (No LOOP) ................................................................ 11-86
11-71
Burst Read Access to FPM DRAM (LOOP) ...................................................................... 11-87
11-72
Burst Write Access to FPM DRAM (No LOOP)................................................................ 11-88
11-73
Refresh Cycle (CBR) to FPM DRAM ................................................................................ 11-89
11-74
Exception Cycle .................................................................................................................. 11-90
11-75
FPM DRAM Burst Read Access (Data Sampling on Falling Edge of CLKIN)................. 11-92
11-76
MPC8280/EDO Interface Connection to the 60x Bus ........................................................ 11-93
11-77
Single-Beat Read Access to EDO DRAM .......................................................................... 11-94
11-78
Single-Beat Write Access to EDO DRAM ......................................................................... 11-95
11-79
Single-Beat Write Access to EDO DRAM Using REDO to Insert Three
Wait States ...................................................................................................................... 11-96
11-80
Burst Read Access to EDO DRAM .................................................................................... 11-97
11-81
Burst Write Access to EDO DRAM ................................................................................... 11-98
11-82
Refresh Cycle (CBR) to EDO DRAM ................................................................................ 11-99
11-83
Exception Cycle For EDO DRAM ................................................................................... 11-100
11-84
Pipelined Bus Operation and Memory Access in 60x-Compatible Mode ........................ 11-104
11-85
External Master Access (GPCM)...................................................................................... 11-105
11-86
External Master Configuration with SDRAM Device ...................................................... 11-106
12-1
L2 Cache in Copy-Back Mode.............................................................................................. 12-2
12-2
External L2 Cache in Write-Through Mode ......................................................................... 12-4
12-3
External L2 Cache in ECC/Parity Mode............................................................................... 12-6
12-4
Read Access with L2 Cache.................................................................................................. 12-8
13-1
Test Logic Block Diagram .................................................................................................... 13-2
13-2
TAP Controller State Machine .............................................................................................. 13-3
13-3
Output Pin Cell (O.Pin)......................................................................................................... 13-4
13-4
Observe-Only Input Pin Cell (I.Obs) .................................................................................... 13-4
13-5
Output Control Cell (IO.CTL) .............................................................................................. 13-5
13-6
General Arrangement of Bidirectional Pin Cells .................................................................. 13-5
14-1
CPM Block Diagram............................................................................................................. 14-3
14-2
Communications Processor (CP) Block Diagram................................................................. 14-6
14-3
RISC Controller Configuration Register (RCCR.................................................................. 14-9
14-4
RISC Time-Stamp Control Register (RTSCR) ................................................................... 14-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com