| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc |
|
82 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 lxxxii Freescale Semiconductor Organization Following is a summary and a brief description of the chapters of this manual: • Part I, “Overview,” provides a high-level description of the MPC8280, describing general operation and listing basic features. — Chapter 1, “Overview,” provides a high-level description of MPC8280 functions and features. It roughly follows the structure of this book, summarizing the relevant features and providing references for the reader who needs additional information. — Chapter 2, “G2_LE Core,” provides an overview of the MPC8280 core, summarizing topics described in further detail in subsequent chapters. — Chapter 3, “Memory Map,” presents a table showing where MPC8280 registers are mapped in memory. It includes cross references that indicate where the registers are described in detail. • Part II, “Configuration and Reset,” describes start-up behavior of the MPC8280. — Chapter 4, “System Interface Unit (SIU),” describes the system configuration and protection functions that provide various monitors and timers, and the 60x bus configuration. — Chapter 5, “Reset,” describes the behavior of the MPC8280 at reset and start-up. • Part III, “The Hardware Interface,” describes external signals, clocking, memory control, and power management of the MPC8280. — Chapter 6, “External Signals,” shows a functional pinout of the MPC8280 and describes the MPC8280 signals. — Chapter 7, “60x Signals,” describes signals on the 60x bus. — Chapter 8, “The 60x Bus,” describes the operation of the bus used by processors that implement the PowerPC architecture. — Chapter 9, “PCI Bridge,” describes how the PCI bridge enables the MPC8280 to gluelessly bridge PCI agents to a host processor that implements the PowerPC architecture and how it is compliant with PCI Specification Revision 2.2. — Chapter 10, “Clocks and Power Control,” describes the clocking architecture of the MPC8280. — Chapter 11, “Memory Controller,” describes the memory controller, which controls a maximum of eight memory banks shared among a general-purpose chip-select machine (GPCM) and three user-programmable machines (UPMs). — Chapter 12, “Secondary (L2) Cache Support,” provides information about implementation and configuration of a level-2 cache. — Chapter 13, “IEEE 1149.1 Test Access Port,” describes the dedicated user-accessible test access port (TAP), which is fully compatible with the IEEE 1149.1 Standard Test Access Port and Boundary Scan Architecture. • Part IV, “Communications Processor Module,” describes the configuration, clocking, and operation of the various communications protocols that the MPC8280 supports. — Chapter 14, “Communications Processor Module Overview,” provides a brief overview of the CPM. — Chapter 15, “Serial Interface with Time-Slot Assigner,” describes the SIU, which controls system start-up, initialization and operation, protection, as well as the external system bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |