| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc |
|
84 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 lxxxiv Freescale Semiconductor — Chapter 33, “ATM AAL2,” describes the functionality and data structures of ATM adaptation layer type 2 (AAL2) CPS, CPS switching, and SSSAR. — Chapter 34, “Inverse Multiplexing for ATM (IMA),” describes specifications for the inverse multiplexing for ATM (IMA) microcode. — Chapter 35, “ATM Transmission Convergence Layer,” describes how the MPC8280 can support applications that receive ATM traffic over the standard serial protocols like E1, T1, and xDSL via its serial interface (SIx TDMx and NMSI) ports because of its internally implemented TC-layer functionality. — Chapter 36, “Fast Ethernet Controller,” describes the MPC8280’s implementation of the Ethernet IEEE 802.3 protocol. — Chapter 37, “FCC HDLC Controller,” describes the FCC implementation of the HDLC protocol. — Chapter 38, “FCC Transparent Controller,” describes the FCC implementation of the transparent protocol. — Chapter 39, “Serial Peripheral Interface (SPI),” describes the serial peripheral interface, which allows the MPC8280 to exchange data between other PowerQUICC II chips, the MC68360, the MC68302, the M68HC11, and M68HC05 microcontroller families, and peripheral devices such as EEPROMs, real-time clocks, A/D converters, and ISDN devices. — Chapter 40, “I2C Controller,” describes the MPC8280 implementation of the inter-integrated circuit (I2C®) controller, which allows data to be exchanged with other I2C devices, such as microcontrollers, EEPROMs, real-time clock devices, and A/D converters. — Chapter 41, “Parallel I/O Ports,” describes the four general-purpose I/O ports A–D. Each signal in the I/O ports can be configured as a general-purpose I/O signal or as a signal dedicated to supporting communications devices, such as SMCs, SCCs. MCCs, and FCCs. • Appendix A, “Register Quick Reference Guide,” provides a quick reference to the registers incorporated in the G2_LE core. • Appendix B, “Revision History,” provides a list of the major differences between revisions of the MPC8280 PowerQUICC II Family Reference Manual. • This book also includes an index and a glossary. Suggested Reading This section lists additional reading that provides background for the information in this manual as well as general information about the PowerPC architecture. MPC82xx Documentation Supporting documentation for the MPC8280 can be accessed through the world-wide web at www.freescale.com. This documentation includes technical specifications, reference materials, and detailed applications notes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |