Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 300 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 300 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 304Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
8-24
Freescale Semiconductor
one-level pipelining). When the internal arbiter counts a pipeline depth of two (two assertions of
AACK before the assertion of the current data tenure) it negates all address bus grant (BG) signals.
•
No-pipeline mode—The MPC8280 does not assert AACK until the corresponding data tenure
ends.
8.5
Data Tenure Operations
This section describes the operation of the MPC8280 during the data bus arbitration, transfer, and
termination phases of the data tenure.
NOTE: External Master Writes to DPRAM
DPRAM is clocked by the CPM clock and not by the 60x bus clock.
Therefore, data is not latched at the TA assertion cycle during writes to
DPRAM from the external master. Instead, the data is latched earlier. It is
necessary, then, that the external master drive the data bus immediately after
DBG and hold the data bus until after TA.
8.5.1
Data Bus Arbitration
The beginning of an address transfer, marked by the assertion of transfer start (TS), is also an implicit data
bus request provided that the transfer type signals (TT[0–4]) indicate that the transaction is not
address-only.
The MPC8280 arbiter supports one external master and uses DBG to grant the external master data
bus.The DBG signals are not asserted if the data bus, which is shared with memory, is busy with a
transaction.
A qualified data bus grant (QDBG) can be expressed as the assertion of DBG while DBB and ARTRY
(associated with the data bus operation) are negated.
Note that the MPC8280 arbiter should assert DBG only when it is certain that the first TA will be asserted
with or after the associated ARTRY. The MPC8280 DBG is asserted with TS if the data bus is free and if
the PPC_ACR[DBGD] = 0. If PPC_ACR[DBGD] = 1, DBG is asserted one cycle after TS if the data bus
is not busy. The DBG delay should be used to ensure that ARTRY is not asserted after the first or only TA
assertion. For the programming model, see Section 4.3.2.2, “60x Bus Arbiter Configuration Register
(PPC_ACR).”
Note that DBB should not be asserted after the data tenure is finished. Assertion of DBB after the last TA
causes improper operation of the bus. (MPC8280 internal masters do not assert DBB after the last TA.)
Note the following:
•
External bus arbiters must comply with the following restriction on assertion of DBG which is
connected to the MPC8280. In case the data bus is not busy with the data of a previous transaction
on the bus, external arbiter must assert DBG in the same cycle in which TS is asserted (by a master
which was granted the bus) or in the following cycle. In case the external arbiter asserts DBG on
the cycle in which TS was asserted, PPC_ACR[DBGD] should be zero. Otherwise,
PPC_ACR[DBGD] should be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com