Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
1-7
The G2_LE core has an internal common on-chip (COP) debug processor. This processor allows access to
internal scan chains for debugging purposes. It is also used as a serial connection to the core for emulator
support.
The G2_LE core can be disabled. In this mode, the MPC8280 functions as a slave peripheral to an external
core or to another PowerQUICC II device with its core enabled.
1.2.2
System Interface Unit (SIU)
The SIU consists of the following:
A 60x-compatible parallel system bus configurable to 64-bit data width. The MPC8280 supports
64-, 32-, 16-, and 8-bit port sizes. The MPC8280 internal arbiter arbitrates between internal
components that can access the bus (system core, PCI bridge, CPM, and one external master). This
arbiter can be disabled, and an external arbiter can be used if necessary.
A local (32-bit data, 32-bit internal and 18-bit external address) bus. This bus is used to enhance
the operation of the very high-speed communication controllers. Without requiring extensive
manipulation by the core, the bus can be used to store connection tables for ATM or buffer
descriptors (BDs) for the communication channels or raw data that is transmitted between
channels. The local bus is synchronous to the 60x bus and runs at the same frequency.
The local bus can be configured as a 32-bit data and up to 66 MHz PCI (version 2.1) bus. In PCI
mode the bus can be programmed as a host or as an agent. The PCI bus can be configured to run
synchronously or asynchronously to the 60x bus. The MPC8280 has an internal PCI bridge with
an efficient 60x-to-PCI DMA for memory block transfers.
Applications that require both the local bus and PCI bus need to connect an external PCI bridge.
Memory controller supporting 12 memory banks that can be allocated for either the system or the
local bus. The memory controller is an enhanced version of the MPC860 memory controller. It
supports three user-programmable machines. Besides all MPC860 features, the memory controller
also supports SDRAM with page mode and address data pipeline.
Supports JTAG controller IEEE 1149.1 test access port (TAP).
A bus monitor that prevents 60x bus lock-ups, a real-time clock, a periodic interrupt timer, and
other system functions useful in embedded applications.
Glueless interface to L2 cache (MPC2605) and 4-/16-K-entry CAM
(MCM69C232/MCM69C432).
1.2.3
Communications Processor Module (CPM)
The CPM contains features that allow the MPC8280 to excel in a variety of applications targeted mainly
for networking and telecommunication markets.
The CPM is a superset of the MPC860 PowerQUICC CPM, with enhancements on the CP performance
and additional hardware and microcode routines that support high bit rate protocols like ATM (up to 155
Mbps full-duplex) and Fast Ethernet (100-Mbps full-duplex).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com