Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-22
Freescale Semiconductor
The PowerPC architecture supports four types of exceptions:
•
Synchronous, precise—These are caused by instructions. All instruction-caused exceptions are
handled precisely; that is, the machine state at the time the exception occurs is known and can be
completely restored. This means that (excluding the trap and system call exceptions) the address
of the faulting instruction is provided to the exception handler and that neither the faulting
instruction nor subsequent instructions in the code stream will complete execution before the
exception is taken. Once the exception is processed, execution resumes at the address of the
faulting instruction (or at an alternate address provided by the exception handler). When an
exception is taken due to a trap or system call instruction, execution resumes at an address provided
by the handler.
•
Synchronous, imprecise—The PowerPC architecture defines two imprecise floating-point
exception modes: recoverable and nonrecoverable. Even though the G2_LE core provides a means
to enable the imprecise modes, it implements these modes identically to the precise mode (that is,
all enabled floating-point enabled exceptions are always precise on the core).
•
Asynchronous, maskable—The external, system management interrupt (SMI), and decrementer
interrupts are maskable asynchronous exceptions. When these exceptions occur, their handling is
postponed until the next instruction and any exceptions associated with that instruction complete
execution. If no instructions are in the execution units, the exception is taken immediately upon
determination of the correct restart address (for loading SRR0).
•
Asynchronous, nonmaskable—There are two nonmaskable asynchronous exceptions: system reset
and the machine check exception. These exceptions may not be recoverable, or may provide a
limited degree of recoverability. All exceptions report recoverability through MSR[RI].
2.5.2
Implementation-Specific Exception Model
As specified by the PowerPC architecture, all processor core exceptions can be described as either precise
or imprecise and either synchronous or asynchronous. Asynchronous exceptions (some of which are
maskable) are caused by events external to the processor’s execution. Synchronous exceptions, which are
all handled precisely by the processor core, are caused by instructions. The processor core exception
classes are shown in Table 2-4.
Although exceptions have other characteristics as well, such as whether they are maskable or
nonmaskable, the distinctions shown in Table 2-4 define categories of exceptions that the processor core
handles uniquely. Note that Table 2-4 includes no synchronous imprecise instructions.
Table 2-4. Exception Classifications for the Processor Core
Synchronous/Asynchronous
Precise/Imprecise
Exception Type
Asynchronous, nonmaskable
Imprecise
Machine check
System reset
Asynchronous, maskable
Precise
External interrupt
Decrementer
System management interrupt
Critical interrupt
Synchronous
Precise
Instruction-caused exceptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com