Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 144 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 144 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 148Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-28
Freescale Semiconductor
Supports instruction and data cache
way-locking in addition to entire instruction
and data cache locking
Implements a cache way locking mechanism for both the instruction and data
caches. One to three of the four ways in the cache can be locked with control bits
in the HID2 register. See Section 2.3.1.2.3, “Hardware
Implementation-Dependent Register 2 (HID2).”
Four additional SPRG registers
The additional SPRGs reduce latencies that may be incurred from saving
registers to memory while in an exception handler
One new address breakpoint register
IABR2
Instruction address breakpoint exceptions in both the MPC603e and the G2_LE
cores use the 0x01300 vector offset
Two new data address breakpoint
registers are implemented in the G2_LE
The two new data address breakpoint registers (DABR and DABR2) expand the
debug functionality of the breakpoints. The new breakpoint registers are
accessible as SPRs with mtspr and mfspr.
One instruction register and one data
breakpoint control register are
implemented
IBCR and DBCR are implemented to support the additional debug features.
These registers are accessible as SPRs with mtspr and mfspr.
Vector offset for data address breakpoint
exception is 0x00300
Data address breakpoint exception is a DSI exception. The cause of a DSI
exception can be determined by the bit settings of DSISR[9]. DAR contains the
address of the breakpoint match condition.
One new register is implemented for
supporting system level memory map
System memory base address register (MBAR) can be accessed with mtspr or
mfspr using SPR311 in supervisor mode. It can store the present memory base
address for the system memory map.
The G2_LE has eight pairs of data and
eight pairs of instruction BAT registers
IBAT4–IBAT7 are the four additional pairs of instruction BATs and DBAT4–DBAT7
are the four additional data BATs. HID2[HBE] is added for enabling or disabling
the four additional pairs of BAT registers. These BATs are accessible by the mfspr
and mtspr instructions regardless of the setting of HID2[HBE].
Added hardware support for misaligned
little endian accesses
Except for strings/multiples, little-endian load/store accesses not on a word
boundary generate exceptions under the same circumstances as big-endian
accesses.
Removed misalignment support for eciwx
and ecowx instructions
These instructions take an alignment exception if not on a word boundary.
Added ability to broadcast dcbf, dcbi, and
dcbst onto the 60x bus
Setting HID0[ABE] enables the new broadcast feature (new in the PID7v-603e).
The default is to not broadcast these operations.
Added ability to reflect the value of the M
bit onto the 60x bus during instruction
translations
Setting HID0[IFEM] enables this feature. The default is to not present the M bit on
the bus.
Removed HID0[EICE]
There is no support for ICE pipeline tracking.
Added pin-configurable reset vector
The value of MSR[IP], interrupt prefix, is determined at hard reset by the hardware
configuration word.
Addition of speed-for-power functionality
The processor core implements an additional dynamic power management
mechanism. HID2[SFP] controls this function. See Section 2.3.1.2.3, “Hardware
Implementation-Dependent Register 2 (HID2).”
Table 2-6. Differences Between G2_LE Core and MPC603e (continued)
Description
Impact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com