Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 186 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 186 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 183Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 184Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 185Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-14
Freescale Semiconductor
Figure 4-9. Interrupt Request Masking
4.2.4
Interrupt Vector Generation and Calculation
Pending unmasked interrupts are presented to the core in order of priority. The interrupt vector that allows
the core to locate the interrupt service routine is made available to the core by reading SIVEC. The
interrupt controller passes an interrupt vector corresponding to the highest-priority, unmasked, pending
interrupt. Table 4-3 lists encodings for the six low-order bits of the interrupt vector.
Table 4-3. Encoding the Interrupt Vector
Interrupt Number
Interrupt Source Description
Interrupt Vector
0
Error (No interrupt)
0b00_0000
1I2C
0b00_0001
2
SPI
0b00_0010
3
RISC Timers
0b00_0011
4
SMC1
0b00_0100
5
SMC2
0b00_0101
SCCE
SCCM
13 Input (or
SIPNR
Mask
Bit
SIMR
(Other Unmasked Requests)
Request to
the core
Mask
Bit
Event
Bit
13 Event Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com