Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3911 Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 52Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 462 page
background image
Chapter 2 Pin Descriptions
2-1
2.
Pin Descriptions
2.1
Overview
The TMPR3912 contains 208 pins (LQFP) or 217 pins (FBGA) consisting of input, output, bi-directional,
and power and ground pins. The TMPR3911 contains 176 pins (LQFP) or 177 pins (FBGA) consisting of
input, output, bi-directional, and power and ground pins. The only difference between TMPR3911 and
TMPR3912 is pin counts of power and ground pins. These pins are used to support various functions. The
following sections describe the function of each pin including any special power-down considerations for
each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com