Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR3911 Datasheet(PDF) 97 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 97 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 96Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 97Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 98Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 99Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 100Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 101Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 462 page
background image
Chapter 3 CPU Module
3-13
3.3.6.9
Virtual Address Translation
During virtual-to-physical address translation, the TX39/H compares PID and the highest 20
bits (the VPN) of the virtual address to the contents of the TLB. Figure 3.3.7 illustrates the TLB
address translation process.
A virtual address matches a TLB entry when the virtual page number (VPN) field of the virtual
address equals the VPN field of the entry, and either the Global (G) bit of the TLB entry is set, or
the process identifier (PID) field of the virtual address (as held in the EntryHi register) matches
the PID field of the TLB entry. While the Valid (V) bit of the entry must be set for a valid
translation to take place, it is not involved in the determination of a matching TLB entry.
If a TLB entry matches, the physical address and access control bits (N, D, and V) are retrieved
from the matching TLB entry. Otherwise, a TLB miss (or UTLB miss) exception occurs. If the
access control bits (D and V) indicate that the access is not valid, a TLB modification or TLB miss
exception occurs. If the N bit is set, the physical address that is retrieved is used to access main
memory, bypassing the cache.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com