| Electronic Components Datasheet Search |
|
TMP93CS32F Datasheet(PDF) 127 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F Datasheet(HTML) 127 Page - Toshiba Semiconductor |
|
127 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-125 12. Signal generation timing 1) In I/O Interface mode SCLK0 output mode Immediately after rise of last SCLK0 signal (See Figure 3.9.17.) Timing for send interrupt generation SCLK0 input mode Immediately after rise (Rising mode) or fall (Falling mode) of last SCLK0 signal (See Figure 3.9.18.) SCLK0 output mode Immediately after final SCLK0 (When received data are transferred to receive buffer 2 (SC0BUF))(See Figure 3.9.19.) Timing for receive interrupt generation SCLK0 input mode Immediately after final SCLK0 (When received data are transferred to receive buffer 2 (SC0BUF))(See Figure 3.9.20.) 2) In UART mode Receive Mode 9-Bit 8-Bit + Parity 8-Bit, 7-Bit + Parity, 7-Bit Timing for interrupt generation Center of last bit (Bit8) Center of last bit(parity bit) Center of stop bit Timing for framing error generation Center of stop bit Center of stop bit Center of stop bit Timing for parity error generation − Center of last bit (parity bit) Center of stop bit Timing for overrun error generation Center of last bit (Bit8) Center of last bit (parity bit) Center of stop bit Note: In 9-Bit and 8-Bit + Parity mode, interrupts coincide with the ninth bit pulse. Thus, when servicing the interrupt, it is necessary to wait for a 1-bit period (to allow the stop bit to be transferred) to allow checking for a framing error. Send Mode 9-Bit 8-Bit + Parity 8-Bit, 7-Bit + Parity, 7-Bit Timing for interrupt generation Immediately before stop bit sent ← ← |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |