Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP93CS32F Datasheet(PDF) 129 Page - Toshiba Semiconductor

Part # TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Datasheet(HTML) 129 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 125Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 126Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 127Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 128Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 129Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 130Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 131Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 132Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 133Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-127
1. Transmission
In SCLK output mode, 8-bit data and synchronous clock are output from TXD0
pin and SCLK0 pin, respectively, each time the CPU writes data in the
transmission buffer. When all data is output, INTES0<ITX0C> will be set to
generate INTTX0 interrupt.
Figure 3.9.17 Transmitting Operation in I/O Interface Mode (SCLK0 output mode)
In SCLK output mode, 8-bit data are output from TXD0 pin when SCLK0 input
becomes active while data are written in the transmission buffer by CPU.
When all data are output, INTES0<ITX0C> will be set to generate INTTX0
interrupt.
Figure 3.9.18 Transmitting Operation in I/O Interface Mode (SCLK0 input mode)
SCLK0 output
Bit0
Bit1
Bit6
Bit7
Timing to write
transmission data
TXD0
TXDSFT
ITX0C (INTTX0
interrupt request)
Bit0
Bit1
Bit6
Bit7
Bit5
SCLK0 input
(SCLKS = 0: Rising edge mode)
SCLK0 input
(SCLKS = 1: Falling edge mode)
TXDSFT
TXD0
ITX0C (INTTX0
interrupt request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com