Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5612CCCZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADF5612CCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612CCCZ Datasheet(HTML) 5 Page - Analog Devices

  ADF5612CCCZ Datasheet HTML 1Page - Analog Devices ADF5612CCCZ Datasheet HTML 2Page - Analog Devices ADF5612CCCZ Datasheet HTML 3Page - Analog Devices ADF5612CCCZ Datasheet HTML 4Page - Analog Devices ADF5612CCCZ Datasheet HTML 5Page - Analog Devices ADF5612CCCZ Datasheet HTML 6Page - Analog Devices ADF5612CCCZ Datasheet HTML 7Page - Analog Devices ADF5612CCCZ Datasheet HTML 8Page - Analog Devices ADF5612CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Data Sheet
ADF5612
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 48
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
VDD3
58
mA
Divide by 1
71
mA
Divide by 2
77
mA
Divide by 4
81
mA
Divide by 8
86
mA
Divide by 16
88
mA
Divide by 32
90
mA
Divide by 64
92
mA
Divide by 128
VCOVCC
92
mA
5.0V
Power-Down
PLL4
2.3
µA
Power down via the SPI and the PD_RDIV,
PD_NDIV, PD_LD, PD_PFDCP, and PD_PFDNCLK
bits, see Table 56 and Table 57
VCOVCC5
13
mA
Power down via the SPI and the PD_VCO and
PD_ADC bits, see Table 56
Divider5
202
μA
Power down via the SPI and the PD_ODIV bit, see
Table 57
VCO OPEN-LOOP PHASE NOISE
RFOUT at 7.3GHz
10kHz Offset
−92
dBc/Hz
100kHz Offset
−115
dBc/Hz
1MHz Offset
−135
dBc/Hz
10MHz Offset
−155
dBc/Hz
100MHz Offset
−168
dBc/Hz
PLL
Integer Boundary Spurs
−55
dBc
LOCKED bit = 1, fREF = fPFD = 100MHz, RDIV = 1, see
Figure 29
Phase Frequency Detector (PFD)
Spurs
−105
dBc
LOCKED bit = 1, fREF = 200MHz, fPFD = 100MHz,
RDIV = 2, see Figure 30
Reference Spurs
−100
dBc
LOCKED bit = 1, fREF = fPFD = 100MHz, RDIV = 1, see
Figure 31
Normalized Inband Phase Noise
Floor Figure of Merit (FOM)
LNORM
Normalized to 1Hz
Floor Integer Mode
LNORM_INT
−232
dBc/Hz
Floor Fractional Mode
LNORM_FRAC
−229
dBc/Hz
Normalized 1/f Phase Noise Floor
(Integer and Fractional Mode)
L1/f
−268
dBc/Hz
Integrated RMS Jitter
<40
fs
Integration bandwidth from 1kHz to 100MHz
VCO CHARACTERISTICS
Tuning Sensitivity (RFOUT)
KVCO
95 to 125
MHz/V
7300MHz to 8500MHz
Tune Port Capacitance
155
pF
Auto Calibration Time
100
μs
Refer to the Total Autocalibration Time section
VCO OUTPUT DIVIDER
VCO RF Divider Range
1
128
1, 2, 4, 6, 8, 16, 32, 64, or 128
VCO Supply Pushing (VCOVCC)1
0.7
MHz/V
PDIV_OUT and NDIV_OUT, divide by 1, VT = 1.65V
VCO Supply Pushing (VDD1)5
67
MHz/V
PDIV_OUT and NDIV_OUT, divide by 1, VT = 1.65V
Divided Reference Clock
(DIV_RCLK) VCO Calibration
Frequency
50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com