Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5612CCCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADF5612CCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612CCCZ Datasheet(HTML) 1 Page - Analog Devices

  ADF5612CCCZ Datasheet HTML 1Page - Analog Devices ADF5612CCCZ Datasheet HTML 2Page - Analog Devices ADF5612CCCZ Datasheet HTML 3Page - Analog Devices ADF5612CCCZ Datasheet HTML 4Page - Analog Devices ADF5612CCCZ Datasheet HTML 5Page - Analog Devices ADF5612CCCZ Datasheet HTML 6Page - Analog Devices ADF5612CCCZ Datasheet HTML 7Page - Analog Devices ADF5612CCCZ Datasheet HTML 8Page - Analog Devices ADF5612CCCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Data Sheet
ADF5612
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.All Analog Devices products contained herein are subject to release and
availability.
FEATURES
►
RFOUT output frequency range: 7300MHz to 8500MHz
►
PDIV_OUT and NDIV_OUT frequency range: 57MHz to
8500MHz
►
Fractional-N synthesizer and Integer N synthesizer modes
►
Typical PFD spurious: <−105dBc
►
Integrated RMS jitter at 1kHz to 100MHz integration bandwidth:
<40fs
►
Normalized inband phase noise floor FOM
►
Integer mode: −232dBc/Hz
►
Fractional mode: −229dBc/Hz
►
Maintains frequency lock over −40°C to +105°C (lock and leave)
►
Low open-loop VCO phase noise
►
−115dBc/Hz typical at 100kHz offset (RFOUT at 7.3GHz)
►
RFOUT power (typical): 6dBm
►
Programmable divide by 1, 2, 4, 8, 16, 32, 64, or 128 output
►
Programmable output power level
►
Typical power dissipation: 1W
►
48-terminal, 7 mm × 7 mm LGA package: 49 mm2
APPLICATIONS
►
Military and defense
►
Test equipment
►
Clock generation
►
Wireless infrastructure
►
Satellite and very small aperture terminals (VSATs)
►
Microwave radios
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADF5612 allows implementation of fractional-N or Integer N
phase-locked loop (PLL) frequency synthesizers when used with
an external loop filter and an external reference source. The wide-
band microwave voltage controlled oscillator (VCO) design permits
frequency operation from 7300MHz to 8500MHz at a single RF
output. A series of frequency dividers with a differential frequency
output allows operation from 57MHz to 8500MHz. Analog and
digital power supplies for the PLL circuitry range from 3.15V to
3.45V, and the VCO supplies are between 4.75V and 5.25V.
The ADF5612 has an integrated VCO with a fundamental frequency
of 3650MHz to 7300MHz. These frequencies are internally doubled
and routed to the RFOUT pin. An additional differential output
allows the doubled VCO frequency to be divided by 1, 2, 4, 8, 16,
32, 64, or 128, allowing the user to generate RF output frequencies
as low as 57MHz. A simple 3-wire or 4-wire serial port interface
(SPI) provides control of all on-chip registers. To conserve power,
this divider block can be disabled when not needed through the
SPI. Likewise, the output power for both the single-ended output
and the differential output are programmable.
The integrated phase detector and Δ-Σ modulator, capable of op-
erating at up to 100MHz, permit wide loop bandwidths and fast
frequency tuning with a typical spurious level of −105dBc.
With a VCO open-loop phase noise at 100kHz offset of −115dBc/Hz
at 7.3GHz RFOUT. The ADF5612 is equipped to minimize blocker
effects and to improve receiver sensitivity and transmitter spectral
purity. The low phase noise floor eliminates any contribution to
modulator and mixer noise floor in transmitter applications.


Similar Part No. - ADF5612CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5610 AD-ADF5610 Datasheet
896Kb / 48P
Fractional-N PLL with Integrated VCO
ADF5610 AD-ADF5610 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
ADF5610BCCZ AD-ADF5610BCCZ Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
ADF5610BCCZ-RL7 AD-ADF5610BCCZ-RL7 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
ADF5610 AD-ADF5610_V01 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
More results

Similar Description - ADF5612CCCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
REV. A
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. C to Rev D
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
Microwave Wideband Synthesizer Integrated VCO
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
Microwave Wideband Synthesizer with Integrated VCO
8/2019-Revision 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com