Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5612CCCZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADF5612CCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612CCCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF5612CCCZ Datasheet HTML 16Page - Analog Devices ADF5612CCCZ Datasheet HTML 17Page - Analog Devices ADF5612CCCZ Datasheet HTML 18Page - Analog Devices ADF5612CCCZ Datasheet HTML 19Page - Analog Devices ADF5612CCCZ Datasheet HTML 20Page - Analog Devices ADF5612CCCZ Datasheet HTML 21Page - Analog Devices ADF5612CCCZ Datasheet HTML 22Page - Analog Devices ADF5612CCCZ Datasheet HTML 23Page - Analog Devices ADF5612CCCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Data Sheet
ADF5612
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 48
Charge Pump
The charge pump, controlled by the PFD, forces sink (down) or
source (up) current pulses onto the CP pin, which must be connect-
ed to an appropriate loop filter. See Figure 46 for a simplified
schematic of the charge pump.
Figure 46. Simplified Charge Pump Schematic
The output current magnitude, ICP, can be set from 0.2mA to 3.2mA
using the CP_I bits (Register 0x021, Bits[3:0]). A larger ICP can
result in lower in-band noise due to the lower impedance of the
loop filter components, while a smaller ICP can result in better spuri-
ous performance. See Table 7 for the charge pump programming
values.
Table 7. CP Programming
CP_I, Bits[3:0]
ICP (mA)
0
0.2
1
0.4
2
0.6
3
0.8
4
1
5
1.2
6
1.4
7
1.6
8
1.8
9
2
10
2.2
11
2.4
12
2.6
13
2.8
14
3
15
3.2
Charge Pump Test Mode
When the charge pump test mode EN_CPTEST bit (Register
0x02B, Bit 2) is set to 1, it allows the CP_UP and CP_DOWN
bits (Register 0x02B, Bit 0 and Bit 1, respectively) to enforce a
constant ICP source or sink current, respectively, on the CP pin.
These bits can be used as an aid to debug issues related to PLL
during the hardware and software development phase of a project.
For normal operation, set EN_CPTEST, CP_UP, and CP_DOWN to
0. See Table 8 for applicable charge pump test mode.
Table 8. Charge Pump Test Mode
EN_CPTEST
CP_UP
CP_DOWN
CP Pin State Debug Test
1
0
0
High-Z
VCO open loop
1
1
0
~V3.3V_CP
Charge pump
output voltage
verification
1
0
1
~GND
Charge pump
output voltage
verification
0
0
0
Normal
operation
Not applicable
Charge Pump Bleed Current Optimization
A small programmable constant charge pump current, known as
bleed current, can be used to optimize the phase noise and
fractional spurious signals in fractional mode, which also changes
the propagation delay from the XREFP input pin to the RFOUT,
PDIV_OUT, and NDIV_OUT output pins.
Configure the EN_BLEED bit (Register 0x01E, Bit 6) to 1 to enable
the bleed current. If the BLEED_POL bit (Register 0x01E, Bit 0)
is set to 1, a constant source current is applied to the CP pin.
Conversely, if the BLEED_POL bit is adjusted to 0, a constant sink
current is applied to the CP pin.
The 8-bit BLEED_I bits (Register 0x01D, Bits[7:0]) are used to opti-
mize the spurious performance of the ADF5612. The bleed current,
BLEED_I, is calculated and configured based on the required bleed
time (tBLEED) at a given VCO frequency, ICP, and fPFD as shown in
the following equations:
tBLEED=  42×VCO
IBLEED=tBLEED×fPFD×ICP
BLEED_I= IBLEED3.125μA
Lock Detector
The lock detector uses internal signals from the PFD to measure
the phase difference between the output signal of the reference di-
vider (RCLK) and the output signal of the feedback divider (NCLK)
in Figure 45. This detector is enabled by configuring the PD_LD bit
(Register 0x027, Bit 3) to 0, and both the EN_LOL and EN_LDWIN
bits (Register 0x02A, Bit 5 and Bit 4, respectively) to 1. The output
of the lock detector can be accessed either through the LOCKED
bit (Register 0x048, Bit 0), or via the SDO pin (Pin 19) by setting the
EN_MUXOUT bit (Register 0x02B, Bit 3) to 1 and programming the
MUXOUT bits (Register 0x02B, Bits[7:4]) to 1 (LKDET).
The PFD RCLK and NCLK phase difference must be less than the
phase difference lock window time, tLDWIN, for a set number of PFD
cycles before the lock detector output indicates the PLL has locked.
The desired number of PFD cycles varies depending on whether
the lock detect accuracy or speed is prioritized. See Table 9 to set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com