Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5612CCCZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADF5612CCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612CCCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF5612CCCZ Datasheet HTML 14Page - Analog Devices ADF5612CCCZ Datasheet HTML 15Page - Analog Devices ADF5612CCCZ Datasheet HTML 16Page - Analog Devices ADF5612CCCZ Datasheet HTML 17Page - Analog Devices ADF5612CCCZ Datasheet HTML 18Page - Analog Devices ADF5612CCCZ Datasheet HTML 19Page - Analog Devices ADF5612CCCZ Datasheet HTML 20Page - Analog Devices ADF5612CCCZ Datasheet HTML 21Page - Analog Devices ADF5612CCCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Data Sheet
ADF5612
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 48
FRAC2WORD and MOD2WORD are only required if
NFRAC1WORD is not an integer number. If NFRAC1WORD is
an integer, no further calculation is required. In this case,
VAR_MOD_EN is set to 0 to disable FRAC2WORD and
MOD2WORD.
4. Calculate the MOD2WORD as follows:
a. Determine the remainder of the fractional word.
NREMAINDER= NFRAC1WORD
−FRAC1WORD
(13)
NREMAINDER= 25836912.64 
−25836912 =0.64
(14)
b. Find the greatest common divisor (GCD) between fFPD and
MOD1WORD × fCHSP.
GCDMOD1WORD×fCHSP, fPFD   (15)
GCD225×1, 100MHz= 256 (16)
c. Calculate the initial MOD2WORD calculation as follows:
MOD2WORDINITIAL= 
 fPFD
GCDMOD1WORD×fCHSP, fPFD
(17)
MOD2WORDINITIAL = 100MHz256 = 390625 (18)
d. Calculate the final MOD2WORD.
To maximize frequency resolution, the final value of
MOD2WORD is calculated by obtaining the highest integer
multiple of the initial MOD2WORD, that is less than or equal
to the MOD2WORDMAX as follows.
MOD2WORD =
INT MOD2WORDMAX
MO2WORDINITIAL
×
MOD2WORDINITIAL
(19)
Where MOD2WORDMAX is a fixed value of 224 − 1 =
16777215
MOD2WORD =
INT 16777215
390625
×390625
(20)
MOD2WORD = 
42×390625 =16406250
(21)
5. Calculate FRAC2WORD as follows:
FRAC2WORD = 
INTNREMAINDER×MOD2WORD
(22)
FRAC2WORD = 
INT0.64×16406250
(23)
FRAC2WORD = 10500000
(24)
6. Calculate the total N value using the original formula as follows:
N=NINT+FRAC1WORD+FRAC2WORD
MOD2WORD
MOD1WORD
(25)
N=39+25836912+10500000
16406250
33554432
=39.77 (26)
7. Calculate the fRFOUT frequency as follows:
fVCO=fPFD×N
(27)
fRFOUT=2×fVCO
(28)
fRFOUT=2× fPFD×N
(29)
fRFOUT=2× 100MHz×39.77 =
7.954GHz
(30)
CIRCUIT DESCRIPTION
RF Output Divider
The RFOUT_DIV (Register 0x022, Bits[7:5]) is a 3-bit divider used
to divide the frequency seen at the output buffer. The divide
ratio can be set from 1, 2, 4, 8, 16, 32, 64, or 128, offering
a frequency range from 57MHz to 8500MHz. The divider output
power can be set via the DIV_PWR bits (Register 0x022, Bits[2:0]).
The RFOUT_DIV and output divider channels,NDIV_OUT and
PDIV_OUT, can be disabled when not in use via the PD_ODIV
bit (Register 0x028, Bit 1).
The RF output divider channels, NDIV_OUT and PDIV_OUT, can
be either AC- or DC-coupled and terminated with a 100Ω resistor
differentially as shown in Figure 39 and Figure 40. If a single-ended
output is desired, each side of the output must be individually
AC-coupled and terminated with a 50Ω resistor, see Figure 41.
For AC-coupled applications, a series of 0.1μF capacitors must
be connected to the RFOUT, PDIV_OUT, and NDIV_OUT pins as
shown in Figure 42.
Figure 39. Common Clock Interface: Differential Clock with End Termination
(ZO = 50 Ω), AC-Coupled
Figure 40. Common Clock Interface: Differential Clock with End Termination
(ZO = 50 Ω), DC-Coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com