Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF5612CCCZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADF5612CCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612CCCZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF5612CCCZ Datasheet HTML 18Page - Analog Devices ADF5612CCCZ Datasheet HTML 19Page - Analog Devices ADF5612CCCZ Datasheet HTML 20Page - Analog Devices ADF5612CCCZ Datasheet HTML 21Page - Analog Devices ADF5612CCCZ Datasheet HTML 22Page - Analog Devices ADF5612CCCZ Datasheet HTML 23Page - Analog Devices ADF5612CCCZ Datasheet HTML 24Page - Analog Devices ADF5612CCCZ Datasheet HTML 25Page - Analog Devices ADF5612CCCZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Data Sheet
ADF5612
THEORY OF OPERATION
analog.com
Rev. 0 | 22 of 48
Table 12. SDO Pin State
SDO_ACTIVE,
Register 0x000, Bit 3
EN_MUXOUT
SDO Pin State
0
0
SDO pin inactive
0
1
MUXOUT signal
1
0
SDO data
1
1
MUXOUT signal
Temperature Sensor
The temperature sensor is composed of an 8-bit ADC, which
measures the proportional to absolute temperature (PTAT) voltage
with respect to the reference voltage (VREF) of a bandgap. The
purpose of the temperature sensor is to measure changes in the die
temperature and not the absolute junction temperature. The ADC
clock can be generated from the reference clock (normal operation)
or the SCK (test mode) that is configured in ADC_CLK_TEST_SEL
bit (Register 0x037, Bit 0). Configuring the ADC_CLK_TEST_SEL
to 1 (SCK) allows ADC conversion while all other blocks are
inactive. In this configuration, the temperature of the chip is solely
affected by the ADC. For normal operation, ADC_CLK_TEST_SEL
set to 0. The maximum ADC clock frequency is 400kHz, and the
ADC_CLK_DIV register (Register 0x036, Bits[7:0]) is used to set
the division factor that divides the actual clock sent to the ADC.
To initialize ADC measurement, program the registers of the
ADF5612 as shown in Table 13. An ADC conversion requires 17
clock cycles to complete. The ADC_BUSY readback bit (Register
0x048, Bit 2) monitors the conversion status. During a conversion,
ADC_BUSY reads back to 1, and when the conversion is complete,
ADC_BUSY reads back to 0. Measurements are then recorded in
the 8-bit CHIP_TEMP register bit fields (Register 0x04A, Bits[7:0]
and Register 0x04B, Bit 0). The value read back in Register 0x04A
represents the junction temperature in degrees Celsius. The MSB
(Bit 8) in Register 0x04B indicates positive or negative temperature,
that is, when Bit 8 = 1, the temperature read back is negative.
Table 13. ADC Register Setup
Bit Fields
Value
EN_DNCLK, EN_ADC
1
EN_ADC_CLK, ADC_ST_CNV, and EN_ADC_CNV
1
PD_ADC
0
Double Buffering
Double buffering refers to a main and subordinate configuration for
the bit fields detailed in Table 14.
Only the subordinate bit fields control the actual state of the
ADF5612. When double buffering is enabled for a bit field, the SPI
only writes to the main bit field. The subordinate bit field retains its
previous value until a register write is sent to Register 0x010. After
writing to Register 0x010, all the main bit fields are automatically
loaded to their respective subordinate bit fields. Writing to Register
0x010 also starts the autocalibration of the VCO (see the Standard
Power-Up and Initialization Sequence, Automatic VCO Calibration
section), which allows the user to update several bit fields that
change the output frequency of the ADF5612 and starts a new VCO
calibration on the same register write. When double buffering is
disabled, the SPI writes directly to the subordinate bit field.
Table 14. Double Buffer Enabled Bit Fields
Double Buffer Enabler Bits
Double Buffered Bit Fields
Not Applicable, Always Enabled
N_INT, R_DIV, FRAC1WORD,
FRAC2WORD, MOD2WORD, CP_I
RFODIV_DB (Register 0x02C, Bit 7)
RFOUT_DIV
O_VCO_DB (Register 0x031, Bit 7)
M_VCO_CORE, M_VCO_BAND,
M_VCO_BIAS
DEL_CTRL_DB (Register 0x033, Bit 7)
BLEED_I, BLEED_POL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com