Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CU74F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TMP88CU74F Datasheet HTML 1Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 2Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 3Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 4Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 5Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 6Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 7Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 8Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-5
Pin Functions (1/2)
Pin Name
Input/Output
Function
P07 to P03
I/O
P02 (SO1)
I/O (Output)
SIO1 Serial data Output
P01 (SI1)
I/O (Input)
SIO1 Serial data Input
P00 (
1
SCK
)
I/O (I/O)
SIO1 Serial clock input/output
P17 (INT4/TC3)
External interrupt 4 input or
Timer Counter 3 input
P16 (INT2)
External interrupt 2 input
P15 (INT3/TC1)
I/O (Input)
External interrupt 3 input or Timer
Counter 1 input
P14 ( PDO / PWM )
I/O (Output)
PWM output or programmable divider output
P13 ( DVO )
I/O (Output)
Divider output
P12 (TC2/ PPG )
I/O (I/O)
Timer counter input 2 or programmable pulse
generator output
P11 (INT1)
External interrupt input 1
P10 (
0
INT
)
I/O (Input)
Two 8-bit programmable input/output
ports (tri-state).
Each bit of these ports can be
individually configured as an input or
an output under software control.
During reset, all bits are configured
as inputs.
When used as a PPG output or a
divider output, the output latch must
be set to “1”.
External interrupt input 0
P22 (XTOUT)
I/O (Output)
P21 (XTIN)
Resonator connecting pins (32.8 kHz).
For inputting external clock, XTIN is used and
XTOUT is opened.
P20 (
5
INT
/ STOP )
I/O (Input)
3-bit input/output port with latch.
When used as an input port, a
resonator connecting pin, an
external interrupt input, or a STOP
mode release input, the output latch
must be set to “1”.
External interrupt input 5 or STOP mode release
signal input
P32 (
0
SCK
)
I/O (Input)
SIO0 clock input/output
P31 (SDA/SO0)
I/O (I/O/Output)
I
2C bus data input/output or SIO0 data output
P30 (SCL/SI0)
I/O (I/O/Input)
3-bit programmable input/output port
(tri-state/programmable open drain).
Each bit of the port can be individully
configured as an input or an output
under software control.
When used as a serial interface
output, the output latch must be set
to “1”.
I
2C bus clock input/output or SIO0 data input
P47 (AIN7)
to P40 (AIN0)
I/O (Input)
P53 (AIN13)
to P50 (AIN8)
I/O (Input)
8/4-bit programmable input/output
port (tri-state).
Each bit of the port can be
individually configured as an input or
output under software control.
When used as an analog input set to
input mode.
AD converter analog inputs
P67 (V7) to P60 (V0)
P77 (V15) to P70 (V8)
P87 (V23) to P80 (V16)
P97 (V31) to P90 (V24)
8-bit high breakdown voltage output
ports with the latch.
When used as an vacuum
fluorescent tube driver output, the
output latch must be cleared to “0”.
PD4(V36) to PD0 (V32)
I/O (Output)
5-bit high breakdown voltage output
ports with the latch.
When used as an vacuum
fluorescent tube driver output, the
latch must be cleared to “0”.
VTF output
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com