Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CU74F Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 91Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 92Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 93Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 94Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 95Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 96Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 97Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 98Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-95
(5) Restart
Restart is used to change the direction of data transfer between a master device and
a slave device during transferring data. The following explains how to restart when the
TMP88CU74 is in the master mode.
Specify “0” to the MST, TRX, and BB and “1” to the PIN and release the bus. The
SDA pin retains the high level and the SCL pin is released. Since a stop condition is not
generated on a bus, a bus is assumed to be in a busy state from other devices. Check
the BB until it becomes “0” to check that the SCL pin of theTMP88CU74 is released.
Check the LRB until it becomes “1” to check that the SCL line of a bus is not pulled
down to the low level by other devices. After confirming that a bus stays in a free state,
generate a start condition with procedure (2).
In order to meet setup time when restarting, take at least 4.7 [
μs] of waiting time by
software from the time of restarting to confirm that the bus is free until the time to
generate the start condition.
Figure 2.10.16 Timing Diagram when Restarting theTMP88CU74
Start condition
SDA (pin)
SCL pin
“0”
→ MST
“0”
→ TRX
“0”
→ BB
“1”
→ PIN
SCL (Bus)
LRB
BB
PIN
“1”
→ MST
“1”
→ TRX
“1”
→ BB
“1”
→ PIN
4.7 [
μs] (Min)
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com