Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CU74F Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 19Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 20Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 21Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 22Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 23Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 24Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 25Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 26Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-23
b.
Switching from SLOW mode to NORMAL2 mode
First, set XEN (bit 7 in SYSCR2) to turn on the high-frequency oscillation.
When time for stabilization (warm-up) has been taken by the timer/counter 2
(TC2), clear SYSCK (bit 5 in SYSCR2) to switch the main system clock to the
high-frequency clock.
Note 1: After SYSCK is cleared to "0", executing the instructions is continued by the
low-frequency clock for the period synchronized with low-frequency and
high-frequency clocks.
Note 2: SLOW mode can also be released by inputting low level on the RESET pin, which
immediately performs the reset operation. After reset, the TMP88CU74 is placed in
NORMAL1 mode.
Example: Switching from SLOW mode to NORMAL2 mode
(fc = 12.5 MHz, warming-up time is 5.8 ms).
SET
(SYSCR2). 7
;
XEN
← 1 (turns on high-frequency
oscillation)
LD
(TC2CR), 10H
;
Sets TC2 mode (timer mode, source
clock: fc)
LD
(TREG2
+ 1), 0F8H
;
Sets the warming-up time (according to
frequency and Xtal characteristics)
SET
(EIRH). EF14
;
Enables INTTC2
LD
(TC2CR), 30H
;
Starts TC2
PINTTC2:
LD
(TC2CR), 10H
;
Stops TC2
CLR
(SYSCR2). 5
;
SYSCK
← 0 (switches the main system
clock to the high-frequency clock)
RETI
VINTTC2:
DL
PINTTC2
;
INTTC2 vector table
High-frequency clock
Low-frequency clcok
Main system clock
SYSCK
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com