Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CU74F Datasheet(PDF) 90 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 90 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 86Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 87Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 88Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 89Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 90Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 91Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 92Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 93Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 94Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-90
(11) Slave address match detection monitor
The AAS (bit 2 in SBISR) is set to “1” in the slave mode, in the address recognition
mode (ALS = 0), or when receiving a slave address with the same value that sets a
GENERAL CALL or I2CAR. When the ALS is “1”, the AAS is set to “1” after receiving
the first 1-word of data. The AAS is cleared to “0” by after writing/reading data to/from
a data buffer register.
(12) GENERAL CALL detection monitor
The AD0 (bit 1 in SBISR) is set to “1” in the slave mode, when all 8-bit data received
immediately after a start condition are “0”. The AD0 is cleared to “0” when a start or
stop condition is detected on the bus.
(13) Last received bit monitor
The SDA value stored at the rising edge of the SCL line is set to the LRB (bit 0 in
SBISR). When the contents of the LRB are read immediately after an INTSBI
interrupt request is generated in the acknowledge mode, and ACK signal is read.
(14) Software Reset Function
Software reset function is used to initialize SBI, when SBI is rocked by external
noise, etc.
SWRST (bit 0 in SBICR) is set to “1”, internal reset signal pulse is generated and
inputted into SBI circuit.
All command registers and status registers are initialized to an initial value.
SWRST is automatically cleared to “0” after initializing SBI circuit.
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com