Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CU74F Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 24Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 25Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 26Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 27Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 28Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 29Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 30Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 31Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-28
(2) Interrupt enable register (EIR)
The interrupt enable register (EIR) enables and disables the acceptance of interrupts,
except for the pseudo non-maskable interrupts (software and watchdog timer interrupts).
Pseudo non-maskable interrupts are accepted regardless of the contents of the EIR;
however, the pseudo non-maskable interrupts cannot be nested more than once at the same
time. For example, the watchdog timer interrupt is not accepted during the software
interrupt service.
The EIR consists of an interrupt master enable flag (IMF) and the individual interrupt
enable flags (EF). This register is assigned to addresses 0003AH and 0003BH in the SFR,
and can be read and written by an instruction (including read-modify-write instructions
such as bit manipulation instructions).
1.
Interrupt master enable flag (IMF)
The interrupt master enable flag (IMF) enables and disables the acceptance of all
interrupts, except for pseudo non-maskable interrupts. Clearing this flag to “0”
disables the acceptance of all maskable interrupts. Setting to “1” enables the
acceptance of interrupts.
When an interrupt is accepted, this flag is cleared to “0” to temporarily disable the
acceptance of maskable interrupts. After execution of the interrupt service program,
this flag is set to “1” by the maskable interrupt return instruction [RETI] to again
enable the acceptance of interrupts. If an interrupt request has already been occurred,
interrupt service starts immediately after execution of the [RETI] instruction.
Pseudo non-maskable interrupts are returned by the [RETN] instruction. In this case,
the IMF is set to “1” only when pseudo non-maskable interrupt service is started with
interrupt acceptance enabled (IMF = 1). Note that the IMF remains “0” when cleared
by the interrupt service program.
The IMF is assigned to bit 0 at address 0003AH in the SFR, and can be read and
written by an instruction. The IMF is normally set and cleared by the [EI] and [DI]
instructions, and the IMF is initialized to “0” during reset.
2.
Individual interrupt enable flags (EF15 to EF4)
These flags enable and disable the acceptance of individual maskable interrupts,
except for an external interrupt 0. Setting the corresponding bit of an individual
interrupt enable flag to “1” enables acceptance of an interrupt, setting the bit to “0”
disables acceptance.
Example 1: Sets EF for individual interrupt enable, and sets IMF to “1”.
LDW
(EIRL), 1110100010100001B
;
EF15 to EF13, EF11, EF7, EF5,
IMF
← 1
Example 2: Sets an individual interrupt enable flag to “1”.
SET
(EIRH).4
;
EF12
← 1
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com