Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CU74F Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMP88CU74F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CU74F Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMP88CU74F Datasheet HTML 75Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 76Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 77Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 78Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 79Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 80Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 81Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 82Page - Toshiba Semiconductor TMP88CU74F Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 132 page
background image
TMP88CU74
2003-02-17
88CU74-79
Table 2.9.1 Source Clock (Internal clock) for Timer/Counter 4 (Example: at fc
= 12.5 MHz, fs = 32.8 kHz)
NORMAL1/2, IDLE1/2 Mode
DV7CK
= 0
DV7CK
= 1
DV1CK
= 0
DV1CK
= 1
DV1CK
= 0
DV1CK
= 1
TC4CK
Resolution
[
μs]
Maximum
Setting Time
[s]
Resolution
[
μs]
Maximum
Setting Time
[s]
Resolution
[
μs]
Maximum
Setting Time
[s]
Resolution
[
μs]
Maximum
Setting Time
[s]
00
01
10
163.84
μs
10.24
μs
0.64
μs
41.7 ms
2.6 ms
163.2
μs
327.68
μs
20.48
μs
1.28
μs
83.6 ms
5.2 ms
326
μs
244.14
μs
10.24
μs
0.64
μs
62.2 ms
2.6 ms
163.2
μs
244.14
μs
20.48
μs
1.28
μs
62.2 ms
5.2 ms
326
μs
SLOW, SLEEP Mode
TC4CK
Resolution
[
μs]
Maximum
Setting Time
[s]
00
01
10
244.14
μs
―
―
62.2 ms
―
―
(2) Programmable divider output (PDO) mode
The internal clock is used for counting up. The contents of TREG4 are compared with
the contents of the up-counter. If a match is found, the timer F/F 4 output is toggled
and the counter is cleared. Timer F/F 4 output is inverted and output to the P14
( PPO4 ) pin. When programmable divider output is executed, P14 output latch is set to
“1”. This mode can be used for approximate 50% duty pulse output. Timer F/F 4 can be
initialized by program, and it is initialized to “0” during reset. An INTTC4 interrupt is
generated each time the PDO output is toggled.
Example: Output a 1024 Hz pulse (at fc = 12.5 MHz)
SET
(P1). 4
;
P14 output latch
← 1
LD
(P1CR), 00010000B
;
Set output mode to P14
LD
(TREG4), 5FH
;
1/1024
÷ 2
7/fc = 5FH
LD
(TC4CR), 00010010B
;
Starts TC4
Figure 2.9.3 PDO Mode Timing Chart
4
PDO
pin output
Internal clock
Up-counter
TREG4
INTTC4 interrupt
n
0
n 0
1
2
n 0
1
Timer F/F4
1
2
n 0
1
2
1
2
n 0
Match detect
2007-10-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com