Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS23UG Datasheet(PDF) 191 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 191 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 187Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 188Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 189Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 190Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 191Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 192Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 193Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 194Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 195Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 252 page
background image
Page 179
TMP86FS23UG
Note 1: The status register is initialized when the result register is cleared (RCLR = “1”).
Note 2: CARF, ZERF, SIGN, and OVRF are programmed at the end of calculation. They are not affected by a read from the status
register.
Note 3: ZERF and SIGN are not affected by a write to the addend register.
Note 4: In multiply mode, OVRF and CARF are always read as “0”.
Note 5: Bit 7 to 5 are always read as “1”.
Note: In signed arithmetic mode, bit 15 is treated as the sign bit.
Note 1: In signed arithmetic mode, bit 15 is treated as the sign bit.
Note 2: Calculation can only be started by writing to both the lower byte (MPCDRL) and upper byte (MPCDRH) of the mul-
tiplicand register in this order.
Note 3: The multiplicand register can only be programmed when data is written in the order of lower byte and upper byte.
If data is only written to the upper byte, the written data cannot be read out. (If data is only written to the lower
byte, the written data can be read out.)
Note: In signed arithmetic mode, bit 31 contains the sign of the calculation result.
CARF
Carry flag
0: No carry occurred in multiply-accumulate operation.
1: Carry occurred in multiply-accumulate operation.
Read
only
ZERF
Zero flag
0: Calculation resulst is other than “00000000H”.
1: Calculation result is “00000000H”.
SIGN
Sign flag
0: Result register contents are positive or “00000000H”.
1: Result register contents are negative.
OVRF
Overflow flag
0: Overflow occurred.
1: No overflow occurred.
CALC
Operation status flag
0: Calculation not in progress
1: Calculation in progress
Multiplier data Register
MPLDRH, MPLDRL
(0FA7H, 0FA6H)
15
14
13
12
11
10
9876543210
MPLDRH (0FA7H)
MPLDRL (0FA6H)
(Initial value: 0000 0000 0000 0000)
R/W
Multiplicand data Register
MPCDRH, MPCDRL
(0FA9H, 0FA8H)
15
14
13
12
11
10
9876543210
MPCDRH (0FA9H)
MPCDRL (0FA8H)
(Initial value: 0000 0000 0000 0000)
R/W
Result Register
RCALDR4, RCALDR3
(0FADH, 0FACH)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RCALDR4 (0FADH)
RCALDR3 (0FACH)
(Initial value: 0000 0000 0000 0000)
Read only
RCALDR2, RCALDR1
(0FABH, 0FAAH)
15
14
13
12
11
10
9876543210
RCALDR2 (0FABH)
RCALDR1 (0FAAH)
(Initial value: 0000 0000 0000 0000)
Read only
Addend Register
MADDR4, MADDR3
(0FADH, 0FACH)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
MADDR4 (0FADH)
MADDR3 (0FACH)
(Initial value: 0000 0000 0000 0000)
Write only
MADDR2, MADDR1
(0FABH, 0FAAH)
15
14
13
12
11
10
9876543210
MADDR2 (0FABH)
MADDR1 (0FAAH)
(Initial value: 0000 0000 0000 0000)
Write only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com