Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543ADRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCA9543ADRG4
Description  TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9543ADRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCA9543ADRG4 Datasheet HTML 2Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 3Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 4Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 5Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 6Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 7Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 8Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 9Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
I
2C Interface
SDA
SCL
DataLine
Stable;
DataValid
Change
ofdata
allowed
SDA
SDA
SCL
SCL
S
P
STARTCondition
STOP Condition
Master
Transmitter/
Receiver
Slave
Receiver
Slave
Transmitter/
Receiver
Master
Transmitter
Slave
Master
Transmitter/
Receiver
I C-Bus
Multiplexer
2
SDA
SCL
PCA9543A
TWO-CHANNEL I2C-BUS SWITCH
WITH INTERRUPT LOGIC AND RESET
SCPS169 – SEPTEMBER 2007
The I2C bus is for two-way, two-line communication between different ICs or modules. The two lines are a serial
data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pullup
resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not
busy.
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the high
period of the clock pulse as changes in the data line at this time is interpreted as control signals (see Figure 5).
Figure 5. Bit Transfer
Both data and clock lines remain high when the bus is not busy. A high-to-low transition of the data line while the
clock is high is defined as the start condition (S). A low-to-high transition of the data line while the clock is high is
defined as the stop condition (P) (see Figure 6).
Figure 6. Definition of Start and Stop Conditions
A device generating a message is a transmitter; a device receiving a message is the receiver. The device that
controls the message is the master and the devices that are controlled by the master are the slaves (see
Figure 7).
Figure 7. System Configuration
The number of data bytes transferred between the start and the stop conditions from transmitter to receiver is not
limited. Each byte of eight bits is followed by one acknowledge (ACK) bit. The transmitter must release the SDA
line before the receiver can send an ACK bit.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCA9543A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com