Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543ADRG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # PCA9543ADRG4
Description  TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9543ADRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCA9543ADRG4 Datasheet HTML 10Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 11Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 12Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 13Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 14Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 15Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 16Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 17Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
SD0
12
13
11
3
5
9
6
10
4
8
2
7
1
SC0
PCA9543A
V
CC
=2.7Vto5.5V
V
CC
=2.7Vto5.5V
Channel0
Channel1
SeeNote A
SeeNote A
SDA
SCL
V
CC
SDA
SCL
I C/SMBus
Master
2
V
=3.3V
CC
V
=2.7Vto5.5V
CC
INT
INT0
SD1
SC1
INT1
RESET
A1
GND
A0
NOTE:
A.
B. PinnumbersshownarefortheDandPWpackages.
Ifthedevicegeneratingtheinterrupthasanopen-drainoutputstructureorcanbe3-stated,a
pullupresistorisrequired.
Ifthedevicegeneratingtheinterrupthasatotem-poleoutputstructureandcannotbe3-stated,
apullupresistorisnotrequired.
Theinterruptinputsshouldnotbeleftfloating.
PCA9543A
TWO-CHANNEL I2C-BUS SWITCH
WITH INTERRUPT LOGIC AND RESET
SCPS169 – SEPTEMBER 2007
Figure 14 shows an application in which the PCA9543A can be used.
Figure 14. Typical Application
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCA9543A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com