Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543ADRG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCA9543ADRG4
Description  TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9543ADRG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCA9543ADRG4 Datasheet HTML 9Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 10Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 11Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 12Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 13Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 14Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 15Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 16Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
DUT
INT
INTn
(input)
VOLTAGE WAVEFORMS (tiv)
tiv
VOLTAGE WAVEFORMS (tir)
INT
(output)
INTn
(input)
INT
(output)
tir
A.
CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω,
tr/tf = 30 ns.
C = 100 pF
(See Note A)
L
R = 4.7 k
L
V
CC
0.5 × V
CC
0.5 × V
CC
0.5 × V
CC
0.5 × V
CC
INTERRUPT LOAD CONFIGURATION
PCA9543A
TWO-CHANNEL I2C-BUS SWITCH
WITH INTERRUPT LOGIC AND RESET
SCPS169 – SEPTEMBER 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 12. Reset Timing
Figure 13. Interrupt Load Circuit and Voltage Waveforms
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCA9543A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com