Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543ADRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCA9543ADRG4
Description  TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9543ADRG4 Datasheet(HTML) 1 Page - Texas Instruments

  PCA9543ADRG4 Datasheet HTML 1Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 2Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 3Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 4Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 5Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 6Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 7Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 8Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
DPACKAGE
(TOP VIEW)
A0
A1
RESET
INT0
SD0
SC0
GND
V
CC
SDA
SCL
INT
SC1
SD1
INT1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
PWPACKAGE
(TOP VIEW)
A0
A1
RESET
INT0
SD0
SC0
GND
1
2
3
4
5
6
7
V
CC
SDA
SCL
INT
SC1
SD1
INT1
14
13
12
11
10
9
8
DESCRIPTION/ORDERING INFORMATION
PCA9543A
TWO-CHANNEL I2C-BUS SWITCH
WITH INTERRUPT LOGIC AND RESET
SCPS169 – SEPTEMBER 2007
www.ti.com
• 1-of-2 Bidirectional Translating Switches
• Supports Hot Insertion
• I2C Bus and SMBus Compatible
• Low Standby Current
• Two Active-Low Interrupt Inputs
• Operating Power-Supply Voltage Range of
2.3 V to 5.5 V
• Active-Low Interrupt Output
• 5-V Tolerant Inputs
• Active-Low Reset Input
• 0 to 400-kHz Clock Frequency
• Two Address Pins Allowing up to Four
Devices on the I2C Bus
• Latch-Up Performance Exceeds 100 mA Per
JESD78
• Channel Selection Via I2C Bus, in Any
Combination
• ESD Protection Exceeds JESD 22
• Power Up With All Switch Channels
–
2000-V Human-Body Model (A114-A)
Deselected
–
200-V Machine Model (A115-A)
• Low r
on Switches
–
1000-V Charged-Device Model (C101)
• Allows Voltage-Level Translation Between
1.8-V, 2.5-V, 3.3-V, and 5-V Buses
• No Glitch on Power Up
The PCA9543A is a bidirectional translating switch controlled by the I2C bus. The SCL/SDA upstream pair fans
out to two downstream pairs, or channels. Any individual SCn/SDn channel or combination of channels can be
selected, determined by the contents of the programmable control register. Two interrupt inputs (INT0–INT1),
one for each of the downstream pairs, are provided. One interrupt output (INT) acts as an AND of the two
interrupt inputs.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 50
PCA9543AD
SOIC – D
PCA9543A
Reel of 2500
PCA9543ADR
–40
°C to 85°C
Tube of 90
PCA9543APW
TSSOP – PW
PD543A
Reel of 2000
PCA9543APWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9543ADRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543AD NXP-PCA9543AD Datasheet
131Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543AD NXP-PCA9543AD Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9543AD PHILIPS-PCA9543AD Datasheet
268Kb / 12P
I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
More results

Similar Description - PCA9543ADRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
logo
NXP Semiconductors
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
logo
Texas Instruments
TCA9543A TI1-TCA9543A_15 Datasheet
1Mb / 32P
TCA9543A Low Voltage 2-Channel I2C Bus Switch With Interrupt Logic And Reset
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com