Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543ADRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCA9543ADRG4
Description  TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9543ADRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9543ADRG4 Datasheet HTML 3Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 4Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 5Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 6Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 7Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 8Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 9Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 10Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
S
1
2
8
9
NACK
ACK
DataOutput
byTransmitter
DataOutput
byReceiver
SCL From
Master
Start
Condition
ClockPulsefor
Acknowledgment
SDA
Slave Address
ControlRegister
Stop
Condition
R/W
Start
Condition
Acknowledge
FromSlave
Acknowledge
FromSlave
A1
S
A0
1
1
1
0
0
0
A
A
P
X
X
X
X
X
X
B1
B0
SDA
Slave Address
ControlRegister
Stop
Condition
R/W
Start
Condition
No Acknowledge
FromMaster
Acknowledge
FromSlave
LastByte
A1
S
A0
1
1
1
0
0
1
A
NA
P
X
X
INT1 INT0
X
X
B1
B0
PCA9543A
TWO-CHANNEL I2C-BUS SWITCH
WITH INTERRUPT LOGIC AND RESET
SCPS169 – SEPTEMBER 2007
When a slave receiver is addressed, it must generate an ACK after the reception of each byte. Also, a master
must generate an ACK after the reception of each byte that has been clocked out of the slave transmitter. The
device that acknowledges must pull down the SDA line during the ACK clock pulse, so that the SDA line is stable
low during the high pulse of the ACK-related clock period (see Figure 8). Setup and hold times must be taken
into account.
A master receiver must signal an end of data to the transmitter by not generating an acknowledge (NACK) after
the last byte has been clocked out of the slave. This is done by the master receiver by holding the SDA line high.
In this event, the transmitter must release the data line to enable the master to generate a stop condition.
Figure 8. Acknowledgment on I2C Bus
Data is transmitted to the PCA9543A control register using the write mode shown in Figure 9.
Figure 9. Write Control Register
Data is read from the PCA9543A control register using the read mode shown in Figure 10.
Figure 10. Read Control Register
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCA9543A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com