Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543ADRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCA9543ADRG4
Description  TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9543ADRG4 Datasheet(HTML) 2 Page - Texas Instruments

  PCA9543ADRG4 Datasheet HTML 1Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 2Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 3Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 4Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 5Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 6Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 7Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 8Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
PCA9543A
TWO-CHANNEL I2C-BUS SWITCH
WITH INTERRUPT LOGIC AND RESET
SCPS169 – SEPTEMBER 2007
An active-low reset (RESET) input allows the PCA9543A to recover from a situation where one of the
downstream I2C buses is stuck in a low state. Pulling RESET low resets the I2C state machine and causes all the
channels to be deselected, as does the internal power-on reset function.
The pass gates of the switches are constructed such that the VCC pin can be used to limit the maximum high
voltage, which will be passed by the PCA9543A. This allows the use of different bus voltages on each pair, so
that 1.8-V, 2.5-V, or 3.3-V parts can communicate with 5-V parts without any additional protection. External
pullup resistors pull the bus up to the desired voltage level for each channel. All I/O pins are 5-V tolerant.
TERMINAL FUNCTIONS
D AND PW
NAME
DESCRIPTION
PIN NUMBER
1
A0
Address input 0. Connect directly to VCC or ground.
2
A1
Address input 1. Connect directly to VCC or ground.
3
RESET
Active-low reset input. Connect to VCC through a pullup resistor, if not used.
4
INT0
Active-low interrupt input 0. Connect to VCC through a pullup resistor.
5
SD0
Serial data 0. Connect to VCC through a pullup resistor.
6
SC0
Serial clock 0. Connect to VCC through a pullup resistor.
7
GND
Ground
8
INT1
Active-low interrupt input 1. Connect to VCC through a pullup resistor.
9
SD1
Serial data 1. Connect to VCC through a pullup resistor.
10
SC1
Serial clock 1. Connect to VCC through a pullup resistor.
11
INT
Active-low interrupt output. Connect to VCC through a pullup resistor.
12
SCL
Serial clock line. Connect to VCC through a pullup resistor.
13
SDA
Serial data line. Connect to VCC through a pullup resistor.
14
VCC
Supply power
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCA9543A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com