Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9543ADRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCA9543ADRG4
Description  TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9543ADRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCA9543ADRG4 Datasheet HTML 5Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 6Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 7Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 8Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 9Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 10Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 11Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 12Page - Texas Instruments PCA9543ADRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
Electrical Characteristics
(1)
PCA9543A
TWO-CHANNEL I2C-BUS SWITCH
WITH INTERRUPT LOGIC AND RESET
SCPS169 – SEPTEMBER 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VPOR
Power-on reset voltage
No load: VI = VCC or GND
(2)
VPOR
1.6
2.1
V
5 V
3.6
4.5 V to 5.5 V
2.6
4.5
3.3 V
1.9
VSWin = VCC,
Vpass
Switch output voltage
V
ISWout = –100 μA
3 V to 3.6 V
1.6
2.8
2.5 V
1.5
2.3 V to 2.7 V
1.1
2
IOH
INT
VO = VCC
2.3 V to 5.5 V
100
μA
VOL = 0.4 V
3
7
SDA
IOL
VOL = 0.6 V
2.3 V to 5.5 V
6
10
mA
INT
VOL = 0.4 V
3
SCL, SDA
VI = VCC or GND
2.3 V to 5.5 V
–1
1
2.3 V to 3.6 V
–1
1
SC1–SC0, SD1–SD0
VI = VCC or GND
4.5 V to 5.5 V
–1
100
2.3 V to 3.6 V
–1
1
A1, A0
VI = VCC or GND
II
4.5 V to 5.5 V
–1
50
μA
2.3 V to 3.6 V
–1
1
INT1–INT0
VI = VCC or GND
4.5 V to 5.5 V
–1
50
2.3 V to 3.6 V
–1
1
RESET
VI = VCC or GND
4.5 V to 5.5 V
–1
50
5.5 V
17
50
Operating
fSCL = 100
VI = VCC or GND, IO = 0
3.6 V
6
20
mode
kHz
2.7 V
3
16
5.5 V
0.3
1
ICC
Low inputs
VI = GND, IO = 0
3.6 V
0.1
1
μA
2.7 V
0.1
1
Standby
mode
5.5 V
0.3
1
High inputs
VI = VCC, IO = 0
3.6 V
0.1
1
2.7 V
0.1
1
One INT1–INT0 input at 0.6 V,
8
20
Other inputs at VCC or GND
INT1–INT0
One INT1–INT0 input at VCC – 0.6 V,
8
20
Supply-
Other inputs at VCC or GND
ΔICC
current
2.3 V to 5.5 V
μA
SCL or SDA input at 0.6 V,
change
8
20
Other inputs at VCC or GND
SCL, SDA
SCL or SDA input at VCC – 0.6 V,
8
20
Other inputs at VCC or GND
2.3 V to 3.6 V
4
5
A1, A0
VI = VCC or GND
4.5 V to 5.5 V
4
5
2.3 V to 3.6 V
4
6
INT1–INT0
VI = VCC or GND
Ci
4.5 V to 5.5 V
4
6
pF
2.3 V to 3.6 V
4
5
RESET
VI = VCC or GND
4.5 V to 5.5 V
4
5
SCL
VI = VCC or GND
2.3 V to 5.5 V
9
12
(1)
For operation between published voltage ranges, refer to the worst-case parameter in both ranges.
(2)
To reset the part, either RESET must be low or VCC must be lowered to 0.2 V.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCA9543A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com