Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CB332016A Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI6CB332016A Datasheet HTML 3Page - Diodes Incorporated PI6CB332016A Datasheet HTML 4Page - Diodes Incorporated PI6CB332016A Datasheet HTML 5Page - Diodes Incorporated PI6CB332016A Datasheet HTML 6Page - Diodes Incorporated PI6CB332016A Datasheet HTML 7Page - Diodes Incorporated PI6CB332016A Datasheet HTML 8Page - Diodes Incorporated PI6CB332016A Datasheet HTML 9Page - Diodes Incorporated PI6CB332016A Datasheet HTML 10Page - Diodes Incorporated PI6CB332016A Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
77
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
tPERIOD
Clock Period
Clock period.
40
ns
tSETUP
SHFT Setup Time to Clock
SHFT_LDB high to SBI_CLK
rising edge.
10
ns
tDSU
SBI_IN Setup Time
SBI_IN setup to SBI_CLK rising
edge.
5
ns
Side-Band Interface Electrical Characteristics
Temperature = TA; Supply voltages per normal operation conditions; See test circuits for the load conditions
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
VDDSMB
Nominal Bus Voltage
2.7
3.6
V
VIHSMB
SMBus Input High Voltage
SMBus, VDDSMB = 3.3V
2.1
3.6
V
SMBus, VDDSMB < 3.3V
0.65
VDDSMB
VILSMB
SMBus Input Low Voltage
SMBus, VDDSMB = 3.3V
0.8
V
SMBus, VDDSMB < 3.3V
0.8
ISMBSINK
SMBus Sink Current
SMBus, at VOLSMB
4
mA
VOLSMB
SMBus Output Low Voltage
SMBus, at ISMBSINK
0.4
V
fMAXSMB
SMBus Operating Frequency
Maximum frequency
400
kHz
tRMSB
SMBus Rise Time
(Max VIL - 0.15) to (Min VIH +
0.15)
300
ns
tFMSB
SMBus Fall Time
(Min VIH + 0.15) to (Max VIL -
0.15)
300
ns
SMBus Electrical Characteristics
CLKIN BIAS
~500mV
50k
50k
IN-
IN+
Figure 1. Input Clock Bias Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com