Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CB332016A Datasheet(PDF) 17 Page - Diodes Incorporated

Part # PI6CB332016A
Description  16-Output Low-Power Fanout Clock Buffer for PCIe 6.0 Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CB332016A Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button PI6CB332016A Datasheet HTML 13Page - Diodes Incorporated PI6CB332016A Datasheet HTML 14Page - Diodes Incorporated PI6CB332016A Datasheet HTML 15Page - Diodes Incorporated PI6CB332016A Datasheet HTML 16Page - Diodes Incorporated PI6CB332016A Datasheet HTML 17Page - Diodes Incorporated PI6CB332016A Datasheet HTML 18Page - Diodes Incorporated PI6CB332016A Datasheet HTML 19Page - Diodes Incorporated PI6CB332016A Datasheet HTML 20Page - Diodes Incorporated PI6CB332016A Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
17
A Product Line of
Diodes Incorporated
PI6CB332016A
November 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI6CB332016A
Document Number DS45931 Rev 3-2
www.diodes.com
Byte 6: DEVICE_ID
Bit
Control Function
Description
Type
Power Up
Condition
Definition
7
DEVICE_ID
Device ID
RO
PI6CB332016A
(85Ω) 0H50
6
RO
5
RO
4
RO
3
RO
2
RO
1
RO
0
RO
Byte 7: BYTE_COUNT
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
Reserved
RW
0
6
RW
0
5
RW
0
4
BC
Writing to this register configures how many
bytes will be read back in a block read.
RW
0x7
3
RW
2
RW
1
RW
0
RW
Byte 8: SBI_MASK_0
Bit
Control Function
Description
Type
Power Up
Condition Definition
7
MASK7
Masks off Side-band Disable for Q7
RW
0
0 = SBI may disable the output
1 = SBI cannot disable the
output
6
MASK6
Masks off Side-band Disable for Q6
RW
0
5
MASK5
Masks off Side-band Disable for Q5
RW
0
4
MASK4
Masks off Side-band Disable for Q4
RW
0
3
MASK3
Masks off Side-band Disable for Q3
RW
0
2
MASK2
Masks off Side-band Disable for Q2
RW
0
1
MASK1
Masks off Side-band Disable for Q1
RW
0
0
MASK0
Masks off Side-band Disable for Q0
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com